Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH30N60P Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTH30N60P
Description  PolarHVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH30N60P Datasheet(HTML) 4 Page - IXYS Corporation

  IXTH30N60P Datasheet HTML 1Page - IXYS Corporation IXTH30N60P Datasheet HTML 2Page - IXYS Corporation IXTH30N60P Datasheet HTML 3Page - IXYS Corporation IXTH30N60P Datasheet HTML 4Page - IXYS Corporation IXTH30N60P Datasheet HTML 5Page - IXYS Corporation IXTH30N60P Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTH 30N60P IXTQ 30N60P IXTT 30N60P
IXTV 30N60P IXTV 30N60PS
Fig. 13. Maximum Transient Thermal Resistance
0.01
0.10
1.00
0.1
1
10
100
1000
Pulse Width - milliseconds
Fig. 11. Capacitance
10
100
1000
10000
0
5
10
15
20
25
30
35
40
V D S - Volts
Ciss
Coss
Crss
f = 1MHz
Fig. 10. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
20
40
60
80
100
120
140
160
Q G - nanoCoulombs
VDS = 300V
ID = 15A
IG = 10mA
Fig. 9. Source Curre nt vs .
Source -To-Drain V oltage
0
10
20
30
40
50
60
70
80
90
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
V S D - Volts
TJ = 125º C
TJ = 25º C
Fig. 12. Forw ard-Bias
Safe Operating Area
1
10
100
10
100
1000
V D S - Volts
100µs
1m s
DC
TJ = 150ºC
TC = 25ºC
RDS(on) Limit
10m s
25µs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com