Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP50N25T Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXTP50N25T
Description  Trench Gate Power MOSFET N-Channel Enhancement Mode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP50N25T Datasheet(HTML) 6 Page - IXYS Corporation

  IXTP50N25T Datasheet HTML 1Page - IXYS Corporation IXTP50N25T Datasheet HTML 2Page - IXYS Corporation IXTP50N25T Datasheet HTML 3Page - IXYS Corporation IXTP50N25T Datasheet HTML 4Page - IXYS Corporation IXTP50N25T Datasheet HTML 5Page - IXYS Corporation IXTP50N25T Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTA50N25T IXTQ50N25T
IXTP50N25T IXTH50N25T
IXYS REF: T_50N25T(5G)01-26-10-A
Fig. 14. Resistive Turn-on
Rise Time vs. Drain Current
20
21
22
23
24
25
26
15
20
25
30
35
40
45
50
ID - Amperes
RG = 3.3Ω , VGS = 15V
VDS = 125V
TJ = 125ºC
TJ = 25ºC
Fig. 15. Resistive Turn-on
Switching Times vs. Gate Resistance
14
18
22
26
30
34
38
2468
10
12
14
16
18
20
RG - Ohms
13
15
17
19
21
23
25
t r
td(on) - - - -
TJ = 125ºC, VGS = 15V
VDS = 125V
I D = 25A, 50A
Fig. 16. Resistive Turn-off
Switching Times vs. Junction Temperature
18
19
20
21
22
23
24
25
26
27
28
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
42
44
46
48
50
52
54
56
58
60
62
t f
td(off) - - - -
RG = 3.3Ω, VGS = 15V
VDS = 125V
I D = 25A
I D = 50A
Fig. 17. Resistive Turn-off
Switching Times vs. Drain Current
16
18
20
22
24
26
28
30
15
20
25
30
35
40
45
50
ID - Amperes
38
42
46
50
54
58
62
66
t f
td(off) - - - -
RG = 3.3Ω, VGS = 15V
VDS = 125V
TJ = 125ºC
TJ = 25ºC
TJ = 25ºC
TJ = 125ºC
Fig. 13. Resistive Turn-on
Rise Time vs. Junction Temperature
19
20
21
22
23
24
25
26
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
RG = 3.3Ω , VGS = 15V
VDS = 125V
I D = 50A
I D = 25A
Fig. 18. Resistive Turn-off
Switching Times vs. Gate Resistance
10
20
30
40
50
60
70
80
90
100
2
4
6
8
10
1214161820
RG - Ohms
40
60
80
100
120
140
160
180
200
220
t f
td(off) - - - -
TJ = 125ºC, VGS = 15V
VDS = 125V
I D = 25A, 50A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com