Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDD504 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXDD504
Description  4 Ampere Dual Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD504 Datasheet(HTML) 5 Page - IXYS Corporation

  IXDD504 Datasheet HTML 1Page - IXYS Corporation IXDD504 Datasheet HTML 2Page - IXYS Corporation IXDD504 Datasheet HTML 3Page - IXYS Corporation IXDD504 Datasheet HTML 4Page - IXYS Corporation IXDD504 Datasheet HTML 5Page - IXYS Corporation IXDD504 Datasheet HTML 6Page - IXYS Corporation IXDD504 Datasheet HTML 7Page - IXYS Corporation IXDD504 Datasheet HTML 8Page - IXYS Corporation IXDD504 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
IXDD504 / IXDE504
SYMBOL
FUNCTION
DESCRIPTION
EN A
A Channel Enable
Channel A enable pin. When driven low, this pin disables the A channel and
forces a high impedance state to the A channel output.
IN A
A Channel Input
A channel input signal-TTL or CMOS compatible.
GND
Ground
The system ground pin. Internally connected to all circuitry, this pin provides
ground reference for the entire chip. This pin should be connected to a low
noise analog ground plane for optimum performance.
IN B
B Channel Input
B channel input signal-TTL or CMOS compatible.
OUT B
B Channel Output
B channel driver output. For application purposes, this pin is connected via a
resistor to the gate of a MOSFET/IGBT.
VCC
Supply Voltage
Positive power-supply voltage input. This pin provides power to the entire
chip. The range for this voltage is from 4.5V to 30V.
OUT A
A Channel Output
A channel driver output. For application purposes, this pin is connected via a
resistor to the gate of a MOSFET/IGBT.
EN B
B Channel Enable
Channel B enable pin. When driven low, this pin disables the B channel and
forces a high impedance state to the B channel output.
Pin Description
Figure 3 - Characteristics Test Diagram
CAUTION: Follow proper ESD procedures when handling and assembling this component.
IXYS reserves the right to change limits, test conditions, and dimensions.
VIN
NOTE: Solder tabs on bottoms of DFN packages are grounded
8 PIN DIP (PI)
8 PIN SOIC (SIA)
EN A
IN A
GND
IN B
EN B
OUT A
OUT B
VCC
1
2
3
4
8
7
6
5
I
X
D
D
5
0
4
8 LEAD DFN (D2)
(Bottom View)
EN A
IN A
IN B
EN B
OUT A
GND
OUT B
VCC
1
2
3
4
8
7
6
5
I
X
D
D
5
0
4
8 PIN DIP (PI)
8 PIN SOIC (SIA)
EN A
IN A
GND
IN B
EN B
OUT A
OUT B
VCC
1
2
3
4
8
7
6
5
I
X
D
E
5
0
4
8 LEAD DFN (D2)
(Bottom View)
EN A
IN A
IN B
EN B
OUT A
GND
OUT B
VCC
1
2
3
4
8
7
6
5
I
X
D
E
5
0
4
Pin Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com