Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDD504SIA Datasheet(PDF) 10 Page - IXYS Corporation

Part # IXDD504SIA
Description  4 Ampere Dual Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD504SIA Datasheet(HTML) 10 Page - IXYS Corporation

Back Button IXDD504SIA Datasheet HTML 5Page - IXYS Corporation IXDD504SIA Datasheet HTML 6Page - IXYS Corporation IXDD504SIA Datasheet HTML 7Page - IXYS Corporation IXDD504SIA Datasheet HTML 8Page - IXYS Corporation IXDD504SIA Datasheet HTML 9Page - IXYS Corporation IXDD504SIA Datasheet HTML 10Page - IXYS Corporation IXDD504SIA Datasheet HTML 11Page - IXYS Corporation IXDD504SIA Datasheet HTML 12Page - IXYS Corporation IXDD504SIA Datasheet HTML 13Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Copyright © 2007 IXYS CORPORATION All rights reserved
IXDD504 / IXDE504
ENABLE Propagation vs. Temperature
VSUPPLY = 15V
0
10
20
30
40
50
60
70
80
90
100
-50
0
50
100
150
Temperature (C)
Positive going ENABLE to output ON
Negative going ENABLE to high impedance state
Fig. 28
Ref
Figure 32 - Typical Application Short Circuit di/dt Limit
ENABLE Threshold vs. Supply Voltage
0
0.5
1
1.5
2
2.5
0
5
10
15
20
25
30
35
Supply Voltage (V)
Positive going input
Negative going input
ENABLE Threshold vs. Temperature
VSUPPLY = 15V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
0
50
100
150
Temperature (C)
Positive going input
Negative going input
ENABLE Propagation Time vs. Supply Voltage
0
50
100
150
200
250
300
350
400
0
5
10
15
20
25
30
35
Supply Voltage (V)
Positve going ENABLE to output ON
Negative going ENABLE to high impedance state
Fig. 29
Fig. 30
Fig. 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com