Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM-920-R-17 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CM-920-R-17
Description  Extreme Rugged??PCI/104-Express 3rd Generation Intel짰 Core??Processor Single Board Computer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CM-920-R-17 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CM-920-R-17 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.adlinktech.com/rugged
CoreModule® 920
Choose Ampro by ADLINK™ CoreModule® 920 for…
A small form factor high performance single board computer
for extreme rugged and mobile environments.
Description
The Ampro by ADLINK™ CoreModule 920 is a
PCI/104-Express Type 1 compatible single board computer
with dual-core 3rd Generation Intel® Core™ processor. The
CoreModule 920 is designed Extreme Rugged to support
the extremes of shock, vibration, humidity, and temperature.
Specifications
Core System
CPU
Intel® Core™ i7-3517UE 1.7GHz (up to 2.8GHz Turbo), 4MB
L3 cache, 17W, dual core
Intel® Celeron® 807UE 1.0GHz, 1MB L3 cache,
10W, single core
Chipset
Mobile Intel® QM67 Express Chipset (PCH)
Memory
2 or 4GB single channel industrial grade solder down ECC
1600 MHz DDR3 memory
BIOS
AMI EFI with CMOS backup in 16 Mb SPI flash
Hardware Monitor
Supply voltages and CPU temperature
Watchdog Timer
Programmable timer range to generate RESET
Expansion Busses
PCI/104 (32-bit 33/66MHz)
PCI/104-Express Type 1 with PCI Express x16 (Gen3) bus
LPC bus, SMBus (system), I2C (user)
Technologies
PAVP 3.0, Intel® AMT 8.0, Intel® VT, Intel® AES-NI, Intel® HT,
Intel® HD Graphics with Dynamic Frequency, Intel® Turbo
Boost , Dynamic Turbo, Intel® AVX 1.0, Intel® Quick Sync Video
Video
Integrated in Processor HD Graphics 4000 at 350-1000 MHz
Integrated Video
DirectX 11.0, OpenGL 3.1, and OCL 1.1
Media Processing
Decode (HW JPEG & MJPEG decode), encode (full HW
MPEG2 encode), transcode
Intel® Clear Video HD Technology + enhanced media
processing
VGA Interface
Analog VGA support with 300 MHz DAC
Analog monitor support up to QXGA (2048 x 1536) and
VGA hot plug
LVDS Interface
Dual-channel 18/24-bit LVDS
Digital Display Interface One DVI
Audio
Chipset
Integrated on mobile Intel® QM67 Express Chipset,
available on HDMI port
LAN
10/100/1000Mbps
Two GbE: one from PCH using Intel® 82579 PHY, one from
Intel® 82574 MAC/PHY
Multi I/O
Chipset
Integrated on mobile Intel® QM67 Express Chipset
USB
Four USB 2.0 ports (plus two to the PCI/104-Express stack)
SATA
Two SATA 6 Gb/s (plus two SATA 3 Gb/s to the
PCI/104-Express stack) with support for RAID 0,1,5,10
Serial Ports
Two RS-232 Serial ports implemented in LPC based Super I/O
Power Specifications
Input Power
5V (3.3V and 12 V if required by the PCI/104-Express stack)
Power States
Supports S1, S4, S5
Power Consumption
9W typical
Mechanical and Environmental
Size
106 mm x 96 mm, PCI/104-Express form factor compatible
Board Thickness
0.093” (2.36 mm thick)
Temperature
Standard: -20°C to +70°C
Extended: -40°C to +85°C
(CPU throttling at 800MHz, no throttling to +75°C)
Storage: -55°C to +85°C
Humidity
90% at 60°C non-condensing
Shock
50G peak-to-peak, 11ms duration, MIL-STD-202G Method
213B
Vibration
Operating: 11.96 Grms, 50-20,000 Hz, each axis,
MIL-STD-202G Method 214A
Certifications
CE, FCC, HALT
Operating Systems
Standard Support
Windows 7, Linux
Extended Support (BSP) Windows Embedded Standard 7, Windows Embedded
Standard 2009, Windows Embedded Compact 7,
VxWorks 6.9, QNX 6.5
Ordering Information
Extreme Rugged™ PCI/104-Express 3rd Generation
Intel® Core™ Processor Single Board Computer
Features
Dual-core 3rd Generation Intel® Core™ Processor
Up to 4GB industrial grade solder-down ECC 1600MHz
DDR3 memory
One HDMI, one VGA, and one 18/24-bit LVDS display interfaces
8GB industrial grade Solid State Disk
one PCIe x16 (Gen 3) and 1 x4 or 4 x1 (Gen 2)
Two SATA 6 Gb/s ports, two Gigabit Ethernet, four USB 2.0
interfaces, and two serial ports
PCI/104-Express Type 1 and PCI/104 expansion interfaces
Extended Temperature: -40°C to +85°C
50% thicker PCB for high vibration
environments
Model Number
Description/Configuration
CM-920-R-10
PCI/104-Express with Intel® Celeron 807UE 1.0GHz, 10W,
2GB solder down DDR3 1066 memory, 8GB SSD, 18/24 bit
LVDS, VGA, HDMI, SATA, PCI Express, PCI
CM-920-R-17
PCI/104-Express with Intel® Core™ i7-3517UE 1.7GHz,
17W, 2GB solder down DDR3 1066 memory, 8GB SSD,
18/24 bit LVDS, VGA, HDMI, SATA, PCI Express, PCI
CM-920-L-10
CM-920 Quick Start Kit includes CM-920-R-10, cable kit,
CM920-TM-CU. USB stick with BSP/drivers and manuals
CM-920-L-17
CM-920 Quick Start Kit includes CM-920-R-17, cable kit,
CM920-TM-CU. USB stick with BSP/drivers and manuals
CM-920-X-01
CM-920 cable kit (RoHS). Additional cables to be defined
as required for extreme rugged pin headers
CM-920-TM-AL
CM-920 Aluminum Heatspreader
CM-920-TM-CU
CM-920 Copper Heatsink
CM-920-TM-FAN
CM-920 Aluminum Heatsink with FAN


Similar Part No. - CM-920-R-17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM-99115 ETC1-CM-99115 Datasheet
126Kb / 3P
Professional to HiFi Level Reduction Transformer
More results

Similar Description - CM-920-R-17

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-782 ADVANTECH-AIMB-782 Datasheet
2Mb / 2P
3rd generation Intel짰 Core??processor-based platform
logo
List of Unclassifed Man...
VL-EPMP-34S ETC2-VL-EPMP-34S Datasheet
620Kb / 2P
PCI -104 Single Board Computer
IBR-I7-R-3517UE ETC1-IBR-I7-R-3517UE Datasheet
664Kb / 3P
Extreme Rugged??COM Express짰 Type 6 Module with 3rd Generation Intel짰 Core??i3/i7 Processor
logo
Intel Corporation
326769-002 INTEL-326769-002 Datasheet
2Mb / 342P
Mobile 3rd Generation Intel짰 Core??Processor Family
logo
Advantech Co., Ltd.
MIC-3395MIL ADVANTECH-MIC-3395MIL_13 Datasheet
295Kb / 2P
6U CompactPCI 3rd Generation Intel짰 Core??i7 Rugged Processor Blade with ECC
logo
Adlink Technology Inc.
CMX-SLX ADLINK-CMX-SLX Datasheet
644Kb / 4P
PCI/104-Express Type 1 Single Board Computer
CM1-86DX3 ADLINK-CM1-86DX3 Datasheet
231Kb / 4P
Extreme Rugged PC/104 Single Board Computer
CM1-BT1 ADLINK-CM1-BT1 Datasheet
317Kb / 4P
Extreme Rugged PC/104 Single Board Computer
CM3-BT1 ADLINK-CM3-BT1 Datasheet
551Kb / 4P
Extreme Rugged PCI-104 Single Board Computer
CM3-BT4 ADLINK-CM3-BT4 Datasheet
551Kb / 4P
Extreme Rugged PCI-104 Single Board Computer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com