Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX5CNFS Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # IMX5CNFS
Description  Enabling 1080p HD and cost-saving integration in tablets and smart mobile devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX5CNFS Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  IMX5CNFS Datasheet HTML 1Page - Freescale Semiconductor, Inc IMX5CNFS Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Package
• 19mmx19mm,0.8mmpitch
TEBGA
• Consumertemperaturegradesavailable
Multimedia Powerhouse
The multimedia performance of the i.MX53
processor is boosted by a multi-standard
hardware video codec, autonomous
imageprocessingHDunit,NEONSIMD,
accelerometer, vector floating point coprocessor
and a programmable smart DMA controller.
Powerful 3D graphics acceleration is the key
to mobile game designs. i.MX535 processors
provide an integrated 3D graphics processing
unit that provides an incredible 33 Mtri/sec and
effective 800 Mpix/sec (with overdraw). The 3D
unit provides an exceptional user experience
with accelerated Flash Player 10.x, gaming
andadvanceduserinterfaces.Inaddition,
i.MX535 processors incorporate a 2D graphics
processing unit to accelerate the windowing
system and fonts.
Smart Speed™ Technology
Advanced power management features used
throughout the i.MX53 processor enable a rich
suite of multimedia features and peripherals
while maintaining minimum system power
consumption in both active and low-power
modes. Smart Speed technology enables you
to deliver a feature-rich product at much lower
power.
Increased Security
As the need for advanced security for
mobile and hand-held devices continues to
increase, i.MX535 processors deliver hardware
enabled security features that support secure
e-commerce, digital rights management,
information encryption, secure boot and secure
software downloads.
Get Started Today
Thei.MX53QuickStartboardisa$149open
source development platform that supports the
features of the i.MX53 applications processor
andincludessupportforaVGAdisplayaswell
asoptionaladd-onboardstosupportLVDS,
LCDandHDMIdisplays.
For more information,visit
freescale.com/iMXQuickStart.
Freescale,theFreescalelogoandtheEnergyEfficientSolutionslogoaretrademarksofFreescaleSemiconductor,Inc.,Reg.U.S.Pat.&
Tm.Off.ARMistheregisteredtrademarkofARMLimited.ARMCortex-A8isthetrademarkofARMLimited.Allotherproductorservice
namesarethepropertyoftheirrespectiveowners.©2012FreescaleSemiconductor,Inc.
DocumentNumber:IMX5CNFSREV2
For current information about the i/MX53 family,
visit freescale.com/iMX53
Part Number
Description
MSRP (USD)
MCIMX53SMD
SABRE platform for tablets
$1499
MCIMX53-START
i.MX53 Quick Start development board
$149
MCIMXHDMICARD
24-bitHDMIoutputport
$49
MCIMX-LVDS1
10.1”1024x768LVDSpanelwithcapacitivetouchscreen
$499
MCIMX28LCD
4.3”800x480WGAwithfour-wiretouchscreen
$199
Ordering Information
i.MX535 Block Diagram
The Smart Application Blueprint for Rapid
Engineering (SABRE) platform for tablets based
on i.MX53 is the latest in a series of premiere,
market-focused reference designs engineered
to introduce designers to advanced multimedia
and connectivity applications on the i.MX53
applications processor. Designed with a tablet
look and feel, the SABRE platform can be
targeted towards any mobile device requiring low
power and an amazing user experience.
For more information, visit
freescale.com/iMXSABRE.
i.MX535 Block Diagram
Clock Reset
Smart DMA
Temp.
Monitor
System
Buses
GPT
PWM x 2
Watchdog
x 2
EPIT x 2
LDO Supply
x 2
PLL x 4
32 kHz Osc
eFuses
Sahara v4
TrustZone
RTIC
SCC v2
SRTC
Secure JTAG
ESAI
SSI/I2S x 3
SPDIF Tx/Rx
ASRC
ARM® Cortex™-A8
Cache
Neon
ETM
VFP
ROM
RAM
Fast IrDA
CSPI
I2C x 3
UART x 3
Keypad
GPIO
HS USB OTG + PHY
HS Host + PHY
HS ULPI Host x 2
Ethernet + IEEE® 1588
Camera Interface
2 GB DDR2/DDR3/LV-DDR2/LP-DDR2
Analog VGA Out
LVDS
Parallel (from IPU)
SLC/MLC NAND
NOR
PATA
SATA
eMMC/SD
System Control
Core/Internal Memory
Standard Connectivity
Timers
Advanced Connectivity
Power Mgmt. and Analog
Multimedia
VPU
IPU
External Memory I/F
Security
External Storage I/F
System Debug
Audio
Display I/F
TV Out
Video Encode/
Decode
GPU
OpenVG 1.1
OpenGL ES 2.0
Resizing and
Blending
Inversion and
Rotation
De-Interlacing/
Combining
Image
Enhancement
Camera
Interface



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com