Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX53ATFS Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # IMX53ATFS
Description  i.MX53 Applications Processor Automotive portfolio: i.MX534 and i.MX536
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53ATFS Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  IMX53ATFS Datasheet HTML 1Page - Freescale Semiconductor, Inc IMX53ATFS Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
i.MX Applications Processor for the Automotive Market
i.MX53 Applications Processor
Automotive portfolio: i.MX534 and i.MX536
Overview
The i.MX53 family of automotive applications
processors represents Freescale’s next
generation of advanced multimedia and
power-efficient implementation of the ARM®
Cortex™-A8 core for the automotive market.
With core processing speeds up to 800 MHz as
well as a high level of integration, the i.MX536
and i.MX534 enable customers to re-create
today’s consumer user experiences in the car.
The first product in this family, the i.MX534,
combines the high-performance ARM CPU
with an OpenGL® ES 2.0-compatible graphics
engine, plus an independent OpenVG™ 1.1
graphics engine, allowing the ultimate in
flexibility for applications such as graphical
instrument clusters which require simultaneous
rendering for both 3-D and 2-D images for
driver information. The i.MX536 adds a multi-
format video engine capable of decoding
industry standard video formats up to full 1080p
resolution and video encoding up to 720p
resolution. Both products have dual display
interfaces to enable multiple in-vehicle displays.
Software Flexibility
Development on the i.MX534 and i.MX536 is
easier and more flexible with board support
packages available for the following operating
systems:
• Windows® Embedded Compact 7
• Linux®
• QNX
• Android™
Infotainment, Telematics,
Instrument Cluster and HMI
The i.MX534 and i.MX536 applications
processors balance the performance, power
consumption, connectivity and multimedia
capabilities necessary to drive the latest
automotive multimedia applications. These
processors are ideal for products that require
advanced user interfaces, high-performance
speech recognition, sophisticated video
processing and a high level of system
integration.
Advanced Security
In response to the increasing demand for
advanced security for automotive processors,
the i.MX534 and i.MX536 processors deliver
hardware enabled security features that
support secure e-commerce, digital rights
management (DRM), information encryption,
secure boot and secure software downloads.
Customer programmable hardware protection
of key interfaces such as JTAG is also
supported.
Target Applications
•Multimediaenabledinfotainmentsystems
•Graphicalinstrumentclusters
•Telematics
•HMI
Benefits
•High-performanceprocessingand
multimedia capabilities
•Completehardwareandsoftwarepackage
provided to enable faster time to market
and lower R&D investment
•Dedicatedvideoandgraphicshardware
acceleration provides best in class
performance for applications such as
Adobe Flash 10.1 acceleration
•FullHD1080pdecodeandHD720p
encode capability supported in hardware,
off loading the ARM core for other
applications
•IndependentOpenGLESandOpenVG
graphics engines for the ultimate in
information display flexibility
•Upto2GBexternalmemorysupportat
up to 400 MHz bus speed for DDR2 and
DDR3 memories
•0.8mmpitchpackagingsuitablefor
automotive applications
•IntegratedMLBinterface,supporting
externalMOST25andMOST50INICs
•DualintegratedCANcontrollersfor
automotive network communication
Features
CPU Complex
•800MHzARMCortex-A8CPU
•32KBinstructionanddatacaches
•Unified256KBL2cache
•NEONSIMDmediaaccelerator
•Vectorfloatingpointcoprocessor
Multimedia
•IndependentOpenGLES2.0and
OpenVG 1.1 hardware accelerators
•Multi-formatHD1080pvideodecodeand
HD 720p video encode hardware engine
•SingledisplaysupportuptoWSXGA
resolution
•DualdisplaysupportuptoWVGA
resolution (each display)
•High-qualityhardware,videode-interlacing,
image and video resize, inversion and
rotation hardware
•Alphablendingandcolorspaceconversion
hardware
Advanced Power Management
•Multipleindependentpowerdomains
•Dynamicvoltageandfrequencyscaling
•Proprietarystateretentionpowergating


Similar Part No. - IMX53ATFS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
IMX53AEC FREESCALE-IMX53AEC Datasheet
2Mb / 178P
Automotive and Infotainment Applications Processors
logo
NXP Semiconductors
IMX53AEC NXP-IMX53AEC Datasheet
1Mb / 184P
i.MX53xA Automotive and Infotainment Applications Processors
Rev. 8, 02/2021
More results

Similar Description - IMX53ATFS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 132P
i.MX25 Applications Processor for Automotive Products
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 134P
i.MX25 Applications Processor for Automotive Products
MCIMX25 FREESCALE-MCIMX25_11 Datasheet
1Mb / 140P
i.MX25 Applications Processor for Automotive Products
logo
Advantech Co., Ltd.
RSB-4210 ADVANTECH-RSB-4210 Datasheet
1Mb / 2P
SBC with Freescale i.MX53 Series Processor
logo
Active-Semi, Inc
ACT8899 ACTIVE-SEMI-ACT8899 Datasheet
78Kb / 2P
Advanced PMU for Freescale i.MX53 Processor
05-Dec-11
ACT8939 ACTIVE-SEMI-ACT8939 Datasheet
91Kb / 2P
Advanced PMU for Freescale i.MX53 Processor
05-Dec-11
logo
Advantech Co., Ltd.
ROM-1210 ADVANTECH-ROM-1210 Datasheet
1Mb / 2P
COM with Freescale i.MX53 Series Processor
logo
Freescale Semiconductor...
IMX53IEC FREESCALE-IMX53IEC Datasheet
1Mb / 173P
i.MX53 Applications Processors for Industrial Products
logo
Active-Semi, Inc
ACT8939 ACTIVE-SEMI-ACT8939_14 Datasheet
98Kb / 3P
Advanced PMU for Freescale i.MX53 Processor
15-Aug-13
logo
NXP Semiconductors
IMX53IEC NXP-IMX53IEC Datasheet
1Mb / 175P
i.MX53 Applications Processors for Industrial Products
Rev. 8, 02/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com