Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND830P-E Datasheet(PDF) 6 Page - STMicroelectronics

Part # VND830P-E
Description  Double channel high-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND830P-E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VND830P-E Datasheet HTML 2Page - STMicroelectronics VND830P-E Datasheet HTML 3Page - STMicroelectronics VND830P-E Datasheet HTML 4Page - STMicroelectronics VND830P-E Datasheet HTML 5Page - STMicroelectronics VND830P-E Datasheet HTML 6Page - STMicroelectronics VND830P-E Datasheet HTML 7Page - STMicroelectronics VND830P-E Datasheet HTML 8Page - STMicroelectronics VND830P-E Datasheet HTML 9Page - STMicroelectronics VND830P-E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
VND830P-E
Electrical specifications
Doc ID 17546 Rev 2
6/27
2
Electrical specifications
2.1
Absolute maximum ratings
Stressing the device above the rating listed in Table 3 may cause permanent damage to the
device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the operating sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. Refer also to the STMicroelectronics SURE Program and other relevant quality
document.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
DC supply voltage
41
V
- VCC
Reverse DC supply voltage
- 0.3
V
- IGND
DC reverse ground pin current
- 200
mA
IOUT
DC output current
Internally limited
A
- IOUT
Reverse DC output current
- 6
A
IIN
DC input current
+/- 10
mA
ISTAT
DC status current
+/- 10
mA
VESD
Electrostatic discharge (Human Body Model: R=1.5 K
Ω;
C = 100 pF)
- INPUT
- STATUS
- OUTPUT
- VCC
4000
4000
5000
5000
V
V
V
V
EMAX
Maximum switching energy
(L = 1.8 mH; RL = 0 Ω; Vbat = 13.5 V; Tjstart = 150 °C;
IL = 9 A)
102
mJ
Ptot
Power dissipation Tlead =25°C
8.3
W
Tj
Junction operating temperature
Internally limited
°C
Tc
Case operating temperature
- 40 to 150
°C
Tstg
Storage temperature
- 55 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com