Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8140AMAE Datasheet(PDF) 49 Page - Pericom Semiconductor Corporation

Part # PI7C8140AMAE
Description  2-Port PCI-to-PCI Bridge
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8140AMAE Datasheet(HTML) 49 Page - Pericom Semiconductor Corporation

Back Button PI7C8140AMAE Datasheet HTML 45Page - Pericom Semiconductor Corporation PI7C8140AMAE Datasheet HTML 46Page - Pericom Semiconductor Corporation PI7C8140AMAE Datasheet HTML 47Page - Pericom Semiconductor Corporation PI7C8140AMAE Datasheet HTML 48Page - Pericom Semiconductor Corporation PI7C8140AMAE Datasheet HTML 49Page - Pericom Semiconductor Corporation PI7C8140AMAE Datasheet HTML 50Page - Pericom Semiconductor Corporation PI7C8140AMAE Datasheet HTML 51Page - Pericom Semiconductor Corporation PI7C8140AMAE Datasheet HTML 52Page - Pericom Semiconductor Corporation PI7C8140AMAE Datasheet HTML 53Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 82 page
background image
PI7C8140A
2-PORT PCI-TO-PCI BRIDGE
Page 49 of 82
March 20, 2007 – Revision 1.01
The bridge has detected P_PERR# asserted on an upstream posted write transaction or S_PERR#
asserted on a downstream posted write transaction.
The bridge did not detect the parity error as a target of the posted write transaction.
The parity error response bit on the command register and the parity error response bit on the
bridge control register must both be set.
The SERR# enable bit must be set in the command register.
Table 5-7. Assertion of P_SERR# for Data Parity Errors
P_SERR#
Transaction Type
Direction
Bus Where Error
Was Detected
Primary / Secondary Parity
Error Response Bits
1 (de-asserted)
Read
Downstream
Primary
x / x
1
Read
Downstream
Secondary
x / x
1
Read
Upstream
Primary
x / x
1
Read
Upstream
Secondary
x / x
1
Posted Write
Downstream
Primary
x / x
0
2 (asserted)
Posted Write
Downstream
Secondary
1 / 1
0
3
Posted Write
Upstream
Primary
1 / 1
1
Posted Write
Upstream
Secondary
x / x
1
Delayed Write
Downstream
Primary
x / x
1
Delayed Write
Downstream
Secondary
x / x
1
Delayed Write
Upstream
Primary
x / x
1
Delayed Write
Upstream
Secondary
x / x
X = don’t care
2
The parity error was detected on the target (secondary) bus but not on the initiator (primary) bus.
3
The parity error was detected on the target (primary) bus but not on the initiator (secondary) bus.
5.4
SYSTEM ERROR (SERR#) REPORTING
The bridge uses the P_SERR# signal to report conditionally a number of system error conditions in
addition to the special case parity error conditions described in Section 5.2.3.
Whenever assertion of P_SERR# is discussed in this document, it is assumed that the following
conditions apply:
For the bridge to assert P_SERR# for any reason, the SERR# enable bit must be set in the
command register.
Whenever the bridge asserts P_SERR#, the bridge must also set the signaled system error bit in the
status register.
In compliance with the PCI-to-PCI Bridge Architecture Specification, the bridge asserts P_SERR#
when it detects the secondary SERR# input, S_SERR#, asserted and the SERR# forward enable bit is
set in the bridge control register. In addition, the bridge also sets the received system error bit in the
secondary status register.
The bridge also conditionally asserts P_SERR# for any of the following reasons:
Target abort detected during posted write transaction
Master abort detected during posted write transaction
Posted write data discarded after 2
24 (default) attempts to deliver (224 target retries received)
Parity error reported on target bus during posted write transaction (see previous section)
Delayed write data discarded after 2
24 (default) attempts to deliver (224 target retries received)
07-0067



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com