Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI49FCT3807ASE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI49FCT3807ASE
Description  3.3V Fast CMOS Clock Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT3807ASE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI49FCT3807ASE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT3807ASE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT3807ASE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT3807ASE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT3807ASE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT3807ASE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT3807ASE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI49FCT3807ASE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI49FCT3807ASE Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PI49FCT3807
3.3V Fast CMOS Clock Driver
2
PS7010H
07/28/10
Maximum Ratings
(Abovewhichtheusefullifemaybeimpaired.Foruserguidelines,nottested.)
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation
of the device at these or any other conditions above those
indicatedintheoperationalsectionsofthisspecificationis
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect reliability.
DC Electrical Characteristics (TA=–40°Cto+85°cVCC=3.3V±0.3V)
Symbol
Parameter
Test Condition(1)
Min.
Typ.
Max.
Units
VOH
OutputHighVoltage
VCC =Min.,VIN=VIL or VIH IOH=-0.1mA
IOH=-8mA
VCC - 0.2
2.4
–
3.0
V
VOL
Output Low Voltage
VCC =Min.,VIN=VIL or VIH
IOH=0.1mA
IOH=16mA
IOH=24mA
–
0.2
0.3
0.2
0.4
0.5
VIH
InputHighVoltage
GuaranteedLogicHIGHLevel(Inputpins)
2.0
5.5
VIL
Input Low Voltage
GuaranteedLogicLOWLevel(Inputpins)
-0.5
0.8
IIH
InputHighCurrent
VCC=Max.
VIN =VCC
1
µA
IIL
Input Low Current
VCC=Max.
VIN=GND
-1
VIK
Clamp Diode Voltage
VCC=Min.,IIN=-18mA
-0.7
-1.2
V
IOH
OutputHIGHCurrent(4,5) VOUT=1.5V,VIN=VIL or VIH, VCC=3.3V
-35
-60
-110
mA
IOL
Output LOW Current(4,5)
VOUT=1.5V,VIN=VIL or VIH, VCC=3.3V
50
90
200
IOS
Short Circuit Current(4,5)
VCC=Max.,VOUT=GND
-60
-135
-240
VH
InputHysteresis
150
mV
Storage Temperature ............................................................–65°Cto+150°C
Ambient Temperature with Power Applied ...........................–40°Cto+85°C
SupplyVoltagetoGroundPotential(Inputs&VCCOnly).....–0.5Vto+7.0V
SupplyVoltagetoGroundPotential(Outputs&D/OOnly) ..–0.5Vto+7.0V
DC Input Voltage ....................................................................–0.5Vto+7.0V
DC Output Current............................................................................... 120mA
Power Dissipation ................................................................................... 0.5W
Notes:
1. ForMax.orMin.conditions,useappropriatevaluespecifiedunderElectricalCharacteristicsfortheapplicabledevicetype.
2. Typical values are at VCC=3.3V,+25°Cambientandmaximumloading.
3. VOH = VCC – 0.6V at rated current.
4. This parameter is determined by device characterization but is not production tested.
5. Notmorethanoneoutputshouldbeshortedatonetime.Durationofthetestshouldnotexceedonesecond.
11-0005



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com