Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VDP411LSZBE Datasheet(PDF) 13 Page - Pericom Semiconductor Corporation

Part # PI3VDP411LSZBE
Description  Digital Video Level Shifter from AC coupled digital video input to a DVI/HDMI transmitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP411LSZBE Datasheet(HTML) 13 Page - Pericom Semiconductor Corporation

Back Button PI3VDP411LSZBE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP411LSZBE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP411LSZBE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP411LSZBE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP411LSZBE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3VDP411LSZBE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3VDP411LSZBE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI3VDP411LSZBE Datasheet HTML 12Page - Pericom Semiconductor Corporation PI3VDP411LSZBE Datasheet HTML 13Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
PS8913D
11/05/08
PI3VDP411LS
Digital Video Level Shifter from AC coupled
digital video input to a DVI/HDMI transmitter
Ordering Information
Ordering Code
Package Code
Package Description
PI3VDP411LSZBE
ZBE
48-pin Pb-free & Green, TQFN
PI3VDP411LSZDE
ZDE
48-pin Pb-free & Green, TQFN
PI3VDP411LSZHE
ZHE
42--pin Pb-free & Green, TQFN
Notes:
• Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
• E = Pb-free and Green
• Adding an X Suffix = Tape/Reel
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com
DESCRIPTION: 42-contact Thin Fine Pitch Quad Flat No-Lead (TQFN)
PACKAGE CODE: ZH (ZH42)
DOCUMENT CONTROL #: PD-2035
REVISION: B
DATE: 03/03/08
08-0098
Packaging Mechanical: 42 pin, TQFN (ZH)
08-0294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com