Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI49FCT20802LE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI49FCT20802LE
Description  1:5/1:7 2.5V Clock Buffer for Networking Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT20802LE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI49FCT20802LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT20802LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT20802LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT20802LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT20802LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT20802LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT20802LE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
PS8560B
11/13/08
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI49FCT20802/PI49FCT20803
1:5/1:7 2.5V Clock Buffer for
Networking Applications
Notes:
8. See test circuit and waveforms.
9. Identical conditions: loading, transitions, supply voltage, temperature, package type and speed grade.
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T
)
8
(
.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
f K
L
C
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
0
5
1z
H
M
tR t/F
V
e
m
it
ll
a
F
/
e
s
i
R
O
V
7
.
1
~
V
7
.
0
=
CL
z
H
M
0
0
1
,
F
p
2
2
=0
.
15
2
.
1
s
n
CL
z
H
M
0
5
1
,
F
p
2
1
=0
.
12
.
1
t D
P
y
a
l
e
D
n
o
it
a
g
a
p
o
r
P
CL
z
H
M
0
0
1
,
F
p
2
2
=5
.
35
.
3
CL
z
H
M
0
5
1
,
F
p
2
1
=4
.
27
.
2
t
)
o
(
K
S
w
e
k
S
t
u
p
t
u
O
CL
z
H
M
0
0
1
,
F
p
2
2
=0
0
10
5
1
s
p
CL
z
H
M
0
5
1
,
F
p
2
1
=0
0
10
5
1
t
)
p
(
K
S
w
e
k
S
e
s
l
u
P
CL
z
H
M
0
0
1
,
F
p
2
2
=0
5
20
0
3
CL
z
H
M
0
5
1
,
F
p
2
1
=0
5
20
0
3
t
)
d
(
K
S
w
e
k
s
e
c
i
v
e
d
-
o
t
-
e
c
i
v
e
D
)
9
(
CL
z
H
M
0
5
1
,
F
p
2
1
=0
0
40
0
6
Switching Characteristics (VDD = 2.5V ± 0.2V, TA = 85°C)
Test Circuits for All Outputs
Pulse
Generator
D.U.T.
VIN
VOUT
CL
VDD
e
m
a
N
n
i
P
n
o
i
t
p
i
r
c
s
e
D
2
0
8
0
2
T
C
F
9
4
I
P3
0
8
0
2
T
C
F
9
4
I
P
N
I
_
F
U
BN
I
_
F
U
Bt
u
p
n
I
]
4
:
0
[
K
L
C]
6
:
0
[
K
L
Cs
t
u
p
t
u
O
D
N
GD
N
GD
N
G
V D
D
V D
D
r
e
w
o
P
Product Pin Description
08-0298



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com