Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI90LV031ALEX Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI90LV031ALEX
Description  3V LVDS High-Speed Differential Line Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV031ALEX Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI90LV031ALEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LV031ALEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LV031ALEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LV031ALEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV031ALEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV031ALEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LV031ALEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LV031ALEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LV031ALEX Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
PS8422D
11/11/08
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV031A / PI90LV027A / PI90LV017A
3V LVDS High-Speed Differential Line Drivers
Function Tables
Pin Descriptions
s
e
l
b
a
n
Et
u
p
n
Is
t
u
p
t
u
O
N
EN
ED N
I
D
+
T
U
O
D
–
T
U
O
HXH
H
L
HX
L
L
H
XL
H
H
L
XL
L
L
H
LH
X
Z
Z
PI90LV031A
PI90LV027A
t
u
p
n
Is
t
u
p
t
u
O
D N
I
D
+
T
U
O
D
-
T
U
O
HH
L
LL
H
t
u
p
n
Is
t
u
p
t
u
O
D N
I
D
+
T
U
O
D
-
T
U
O
HH
L
LL
H
PI90LV017A
e
m
a
Nn
o
i
t
p
i
r
c
s
e
D
D N
I
s
n
i
p
t
u
p
n
i
r
e
v
i
r
d
S
O
M
C
/
L
T
T
D +
O
s
n
i
p
t
u
p
t
u
o
r
e
v
i
r
d
g
n
i
t
r
e
v
n
i
-
n
o
N
D –
O
s
n
i
p
t
u
p
t
u
o
r
e
v
i
r
d
g
n
i
t
r
e
v
n
I
D
N
Gn
i
p
d
n
u
o
r
G
V C
C
%
0
1
±
V
3
.
3
+
,
n
i
p
y
l
p
p
u
s
r
e
w
o
p
e
v
i
t
i
s
o
P
Recommended Operating Conditions
.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
e
g
a
t
l
o
V
y
l
p
p
u
S
V
(
C
C )
0
.
3
+3
.
3
+6
.
3
+V
r
i
A
e
e
r
F
g
n
i
t
a
r
e
p
O
e
r
u
t
a
r
e
p
m
e
T
0
4
–5
2
+5
8
+C
°
Supply Voltage (VCC) ........................................... –0.3Vto+4.0V
Input Voltage (DIN) .................................... –0.3Vto(VCC+0.3V)
Enable Input Voltage (EN, EN*) ................. –0.3Vto(VCC+0.3V)
Output Voltage (DOUT+, DOUT-) ......................... –0.3Vto+3.9V
Short Circuit Duration
(DOUT+, DOUT-) ..................................................... Continuous
S Package ........................................................................ 750mW
Derate S Package .................................... 8.5mW/°C above +25°C
Storage Temperature Range ............................... -65°Cto+150°C
Lead Temperature Range Soldering (4s) .......................... +260°C
Maximum Junction Temperature ...................................... +150°C
ESD Rating ..........................................................................
≥6kV
Note:
Stresses greater than those listed under Absolute Maximum Rat-
ings may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any
other conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
Absolute Maximum Ratings (see Note 1, Page 4)
08-0295



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com