Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI49FCT20803LE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI49FCT20803LE
Description  1:5/1:7 2.5V Clock Buffer for Networking Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT20803LE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI49FCT20803LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT20803LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT20803LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT20803LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT20803LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT20803LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT20803LE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
PS8560B
11/13/08
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI49FCT20802/PI49FCT20803
1:5/1:7 2.5V Clock Buffer for
Networking Applications
Storage Temperature .....................................–65°Cto+150°C
Supply Voltage VDD .................................................. –0.5Vto+3.6V
Input/Output Voltages(1) ................................ –0.5VtoVDD+0.5V
DC Output Current ...................................... –60mA to +60mA
Power Dissipation ....................................................... 500mW
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Note:
Stresses greater than those listed under MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
Notes:
1. This value is limited to 3.6V maximum.
2. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
3. Typical values are at VDD = 2.5V, +25°C ambient and maximum loading.
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T
)
2
(
.
n
i
M.
p
y
T
)
3
(
.
x
a
Ms
t
i
n
U
V H
I
e
g
a
tl
o
V
H
G
I
H
t
u
p
n
I7
.
1
V
V L
I
e
g
a
tl
o
V
W
O
L
t
u
p
n
I
7
.
0
II
t
n
e
r
r
u
C
t
u
p
n
IV D
D
V
r
o
0
=
D
D
1
±mA
V K
I
e
g
a
tl
o
V
e
d
o
i
D
p
m
a
l
CV D
D
I
,.
n
i
M
=
N
I
A
m
8
1
–
=7
.
0
–1
–
V
V H
O
H
G
I
H
t
u
p
t
u
O
e
g
a
tl
o
V
V D
D
.
n
i
M
=I H
O
A
m
1
–
=2
I H
O
A
m
8
–
=8
.
1
)
3
(
V L
O
e
g
a
tl
o
V
W
O
L
t
u
p
t
u
OV D
D
.
n
i
M
=I L
O
A
m
1
=4
.
0
I L
O
A
m
8
=6
.
0
DC Electrical Characteristics (Over the Operating Range)
Operating Range
VDDVoltage ........................................................... 2.5V±0.2V
Industrial Temperature .................................... –40°C to +85°C
CommercialTemperature ..................................... 0°C to +70°C
Capacitive Loading ............................................. 10pF to 25pF
08-0298



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com