Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74FCT2245TS Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI74FCT2245TS
Description  Fast CMOS Octal Bidirectional Transceivers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT2245TS Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI74FCT2245TS Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT2245TS Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT2245TS Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT2245TS Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT2245TS Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT2245TS Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT2245TS Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
PS2012E
08/08/06
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT245T
PI74FCT2245T(25 Ohm Series )
Octal BidirectionalTransceivers
Packaging Mechanical: 20-Pin SSOP (H)
.272
.295
.078
.002
SEATING
PLANE
.0098
Max.
.0256
BSC
.022
.037
.004
.009
.291
.322
1
20
.197
.220
0.25
0.050
7.40
8.20
0.55
0.95
0.09
0.25
5.00
5.60
2.00
6.90
7.50
0.65
Max
Min
PI74FCT245TOrderingInformation
Ordering Code
Package Code
SpeedGrade
Package Type
PI74FCT245TQ
Q
Blank
20-pinQSOP
PI74FCT245TQE
Q
Blank
Pb-free & Green, 20-pin QSOP
PI74FCT245TS
S
Blank
20-pinSOIC
PI74FCT245TSE
S
Blank
Pb-free & Green, 20-pin SOIC
PI74FCT245ATLE
L
A
Pb-free & Green, 20-pin TSSOP
PI74FCT245ATS
S
A
20-pinSOIC
PI74FCT245ATSE
S
A
Pb-free & Green, 20-pin SOIC
PI74FCT245ATQ
Q
A
20-pinQSOP
PI74FCT245ATQE
Q
A
Pb-free & Green, 20-pin QSOP
PI74FCT245CTH
H
C
20-pinSSOP
PI74FCT245CTHE
H
C
Pb-free & Green, 20-pin SSOP
PI74FCT245CTS
S
C
20-pinSOIC
PI74FCT245CTSE
S
C
Pb-free & Green, 20-pin SOIC
PI74FCT245CTQ
Q
C
20-pinQSOP
PI74FCT245CTQE
Q
C
Pb-free & Green, 20-pin QSOP
PI74FCT245DTQ
Q
D
20-pinQSOP
PI74FCT245DTQE
Q
D
Pb-free & Green, 20-pin QSOP
06-0207



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com