Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB10ZEEX Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3USB10ZEEX
Description  3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB10ZEEX Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3USB10ZEEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB10ZEEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB10ZEEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB10ZEEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB10ZEEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB10ZEEX Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
PS8718B
03/16/06
Features
• RON is 4Ω typical
• Low bit-to-bit skew: 200ps
• Low Crosstalk: –22dB @ 250MHz
• Near-Zero propagation delay: 250ps
• Switching speed: 9ns
• Channel On Capacitance: 6pF (typical)
• VCC Operating Range: +3.0V to +3.6V
• ESD>2000V . . . Human Body Model
• >500 MHz bandwidth (or data frequency)
• Packaging:
- Pb-free & Green,12-contact TDFN (ZE)
Application
• Routes signals for USB 2.0
Description
The PI3USB10 is a 4- to 2-Channel multiplexer/demultiplexer
USB 2.0 Switch with Hi-Z outputs. Industry leading advantages
include a propagation delay of less than 250ps, resulting from its
low channel resistance and I/O capacitance. The device multi-
plexes differential outputs from a USB Host device to one of two
corresponding outputs. The switch is bidirectional and offers little
or no attenuation of the high-speed signals at the outputs. It is
designed for low bit-to-bit skew, high channel-to-channel noise
isolation and is compatible with various standards, such as High
Speed USB 2.0 (480 Mb/s).
Block Diagram
Pin Description
PI3USB10
3.3V, Wide Bandwidth, 2-Channel,
2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
Truth Table
Function
SEL
Yn to nIo
L
Yn to nI1
H
GND
VDD
Y0
Y1
GND
SEL
0l0
1I0
0I1
1I1
VDD
GND
1
2
3
4
5
6
12
11
10
9
8
7
Y1
Y0
1I0
0I0
1I1
0I1
SEL
06-0013


Similar Part No. - PI3USB10ZEEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB10ZEE PERICOM-PI3USB10ZEE Datasheet
349Kb / 6P
3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
More results

Similar Description - PI3USB10ZEEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB10 PERICOM-PI3USB10 Datasheet
349Kb / 6P
3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI3DBV40 PERICOM-PI3DBV40 Datasheet
424Kb / 8P
3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux Video Switch with Single Enable
PI3USB20 PERICOM-PI3USB20 Datasheet
343Kb / 6P
3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ SiNGLE ENABLE
PI3USB40 PERICOM-PI3USB40 Datasheet
336Kb / 6P
3.3V, Wide Bandwidth, 9-Channel, 2:1 Mux/DeMux USB 2.0 Switch with Single Enable
PI3DBV20 PERICOM-PI3DBV20 Datasheet
305Kb / 6P
3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux Video Switch w/ Single Enable
PI3DBV10 PERICOM-PI3DBV10 Datasheet
335Kb / 6P
3.3V, Wide Bandwidth, 1-Channel, 2:1 Mux/ DeMux Video Switch w/ Single Enable
PI3USB10M PERICOM-PI3USB10M Datasheet
513Kb / 6P
4.2V, Wide Bandwidth, 2-Channel 2:1 Mux/DeMux USB 2.0 Switch w/ Single Select
logo
Potato Semiconductor Co...
PO3B10A POTATO-PO3B10A Datasheet
543Kb / 6P
2-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
logo
Pericom Semiconductor C...
PI3USB20LEX PERICOM-PI3USB20LEX Datasheet
380Kb / 6P
3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
logo
Potato Semiconductor Co...
PO3B20A POTATO-PO3B20A_14 Datasheet
1Mb / 5P
Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux with Single Enable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com