Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3B3125LE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3B3125LE
Description  3.3V, 4-Bit, 2-Port Nanoswitch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B3125LE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3B3125LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B3125LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B3125LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B3125LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3B3125LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3B3125LE Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PI3B3125/PI3B3126
3.3V, 4-Bit, 2-Port NanoSwitch™
w/Individual Enables
2
PS8153F
09/09/04
PI3B3125 14-Pin Configuration
PI3B3126 14-Pin Configuration
PI3B3125 16-Pin Configuration
PI3B3126 16-Pin Configuration
Pin Description
Pin Name
Description
BEN
Switch Enable (PI3B3125)
BEN
Switch Enable (PI3B3126)
A3-A0
Bus A
B3-B0
Bus B
VCC
Power
GND
Ground
Truth Table(1)
PI3B3125
BEN
PI3B3126
BEN
AN
BN VCC
Function
X(2)
X
Hi-Z Hi-Z GND
Disconnect
H
L
Hi-Z Hi-Z VCC
Disconnect
L
H
Bn
An
VCC
Connect
Notes:
1. H = High Voltage Level, L = Low Voltage Level,
Hi-Z = High Impedance, X = Don't Care
2. A pull-up resistor should be provided for power-up protection.
Storage Temperature ............................................................–65°C to +150°C
Ambient Temperature with Power Applied ...........................–40°C to +85°C
Supply Voltage to Ground Potential........................................–0.5V to +4.6V
DC Input Voltage ....................................................................–0.5V to +4.6V
DC Output Current............................................................................... 120mA
Power Dissipation ................................................................................... 0.5W
Note:
Stresses greater than those listed under MAXIMUM RAT-
INGS may cause permanent damage to the device. This is
a stress rating only and functional operation of the device
at these or any other conditions above those indicated in
the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for ex-
tended periods may affect reliability.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VCC
BE3
A3
B3
BE2
A2
B2
BE0
A0
B0
BE1
A1
B1
GND
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VCC
BE3
A3
B3
BE2
A2
B2
BE0
A0
B0
BE1
A1
B1
GND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC
BE3
A3
B3
BE2
A2
B2
NC
NC
BE0
A0
B0
BE1
A1
B1
GND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC
BE3
A3
B3
BE2
A2
B2
NC
NC
BE0
A0
B0
BE1
A1
B1
GND



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com