Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3B3253LE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3B3253LE
Description  3.3V, Dual 4:1 Mux/DeMux NanoSwitch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B3253LE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3B3253LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B3253LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B3253LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B3253LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3B3253LE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
01/10/11
PI3B3253
3.3V, Dual 4:1 Mux/DeMux NanoSwitch™
Capacitance (TA=25°C,f=1MHz)
Parameters(1)
Description
Test Conditions
Typ.
Units
CIN
InputCapacitance
VIN=0V
3.0
pF
COFF
IA/IBCapacitance,SwitchOff
8.0
CON
IA/IBCapacitance,SwitchOn
36.0
DC Electrical Characteristics (OvertheOperatingRange,TA=–40°Cto+85°C,VCC=3.3V±10%)
Parameters
Description
Test Conditions(1)
Min.
Typ.(2) Max.
Units
VIH
InputHIGHVoltage
GuaranteedLogicHIGHLevel
2.0
V
VIL
InputLOWVoltage
GuaranteedLogicLOWLevel
–0.5
0.8
IIH
InputHIGHCurrent
VCC=Max.,VIN=VCC
±1
µA
IIL
InputLOWCurrent
VCC=Max.,VIN=GND
±1
IOZH
HighImpedanceOutputCurrent
0≤IN,YN≤VCC
±1
VIK
ClampDiodeVoltage
VCC=Min.,IIN=–18mA
–1.2
V
RON
SwitchOn-Resistance(3)
VCC=Min.,VIN=0.0V,
ION=48mAor64mA
5
8
Ω
VCC=Min.,VIN=2.4V,ION=15mA
10
17
Notes:
1. Thisparameterisdeterminedbydevicecharacterizationbutisnotproductiontested.
StorageTemperature.....................................................................–65°Cto+150°C
AmbientTemperaturewithPowerApplied....................................–40°Cto+85°C
SupplyVoltagetoGroundPotential................................................–0.5Vto+4.6V
DCInputVoltage.............................................................................–0.5Vto+4.6V
DCOutputCurrent........................................................................................ 120mA
PowerDissipation............................................................................................ 0.5W
Note:
StressesgreaterthanthoselistedunderMAXIMUM
RATINGSmaycausepermanentdamagetothede-
vice.Thisisastressratingonlyandfunctionalop-
erationofthedeviceattheseoranyotherconditions
abovethoseindicatedintheoperationalsectionsof
thisspecificationisnotimplied.Exposuretoabsolute
maximumratingconditionsforextendedperiodsmay
affectreliability.
Maximum Ratings
(Abovewhichtheusefullifemaybeimpaired.Foruserguidelines,nottested.)
Notes:
1. ForMax.orMin.conditions,useappropriatevaluespecifiedunderElectricalCharacteristicsfortheapplicabledevicetype.
2. TypicalvaluesareatVCC=3.3V,TA=25°Cambientandmaximumloading.
3. MeasuredbythevoltagedropbetweenIandYpinatindicatedcurrentthroughtheswitch.On-Resistanceisdeterminedbythelowerofthe
voltagesonthetwo(I,Y)pins.
11-0009



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com