Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP76N25T Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTP76N25T
Description  Preliminary Technical Information Trench Gate Power MOSFET N-Channel Enhancement Mode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP76N25T Datasheet(HTML) 2 Page - IXYS Corporation

  IXTP76N25T Datasheet HTML 1Page - IXYS Corporation IXTP76N25T Datasheet HTML 2Page - IXYS Corporation IXTP76N25T Datasheet HTML 3Page - IXYS Corporation IXTP76N25T Datasheet HTML 4Page - IXYS Corporation IXTP76N25T Datasheet HTML 5Page - IXYS Corporation IXTP76N25T Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTA76N25T IXTH76N25T
IXTI76N25T IXTP76N25T IXTQ76N25T
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
g
fs
V
DS= 10V, ID = 0.5 • ID25, Note 1
43
72
S
C
iss
4500
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
480
pF
C
rss
46
pF
t
d(on)
22
ns
t
r
25
ns
t
d(off)
56
ns
t
f
29
ns
Q
g(on)
92
nC
Q
gs
V
GS= 10V, VDS = 0.5 • VDSS , ID = 25A
28
nC
Q
gd
21
nC
R
thJC
0.27
°C /W
R
thCH
TO-220
0.50
°C W
TO-3P, TO-247
0.21
°C W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
76
A
I
SM
Repetitive, pulse width limited by T
JM
200
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.5
V
t
rr
148
ns
I
RM
21
A
Q
RM
1.6
μC
Notes: 1: Pulse test, t ≤ 300μs; duty cycle, d ≤ 2%.
*: Current may be limited by external lead limit.
PRELIMINARY TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from data gathered during objective characterizations of preliminary engineering lots; but also may yet
contain some information supplied during a pre-production design evaluation. IXYS reserves the right
to change limits, test conditions, and dimensions without notice.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or moreof the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Resistive Switching Times
V
GS = 15V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
R
G
= 3.3
Ω (External)
I
F = 38A, -di/dt = 250A/μs
V
R = 100V, VGS = 0V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com