Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-SY1200 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # EE-SY1200
Description  Photomicrosensor (Reflective)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SY1200 Datasheet(HTML) 2 Page - Omron Electronics LLC

  EE-SY1200 Datasheet HTML 1Page - Omron Electronics LLC EE-SY1200 Datasheet HTML 2Page - Omron Electronics LLC EE-SY1200 Datasheet HTML 3Page - Omron Electronics LLC EE-SY1200 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EE-SY1200
2
■ Engineering Data
Fig 1. Forward Current vs. Collector
Dissipation Temperature Rating
Fig 2. Forward Current vs. Forward Voltage
Characteristics (Typical)
Fig 3. Light Current vs. Forward Current
Characteristics (Typical)
Fig 4. Light Current vs. Collector-Emitter
Voltage Characteristics (Typical)
Fig 5. Relative Light Current vs. Ambient
Temperature Characteristics (Typical)
Fig 6. Dark Current vs. Ambient
Temperature Characteristics (Typical)
Fig 7. Response Time vs. Load Resistance
Characteristics (Typical)
Fig 8. Sensing Distance Characteristics
(Typical)
Fig 9. Sensing Position Characteristics
(Typical)
Fig 10. Sensing Position Characteristics
(Typical)
Fig 11. Response Time Measurement
Circuit
Fig 12. Light Current Measurement Setup
Diagram
Ambient temperature Ta (
°C)
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
-40
PC
IF
Forward voltage VF (V)
60
50
40
30
20
10
0
0
Ta
=+70
°C
Ta
=+25
°C
Ta
=-30
°C
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
Forward current IF (mA)
Ta
=25
°C
VCE
=2V
d
=1mm
VCE=2V
d
=4mm
3,000
2,500
2,000
1,500
1,000
500
0
0
5
10
15
20
Collector-Emitter voltage VCE (V)
1,600
1,400
1,200
1,000
800
600
400
200
0
02468
10
IF=2mA, d=4mm
IF=4mA, d=4mm
IF=2mA, d=1mm
IF=7mA, d=4mm
IF=4mA, d=1mm
IF=10mA, d=4mm
IF=15mA, d=4mm
IF=7mA, d=1mm
IF=10mA, d=1mm
Ambient temperature Ta (
°C)
120
110
100
90
80
70
60
-40
-20
0
20
40
60
80
100
IF
=10mA
VCE
=2V
Ambient temperature Ta (
°C)
10,000
1,000
100
10
1
0.1
0.01
0.001
-30
80
010
70
20
40
30
60
-20 -10
50
90
Load resistance RL (k
Ω)
10,000
1,000
100
10
1
0.1
1
10
100
tr
tf
Distance d (mm)
d
Aluminum-deposited surface
IF=4mA, 10mA
VCE=10V
100
90
80
70
60
50
40
30
20
10
0
01
0.5
1.5
2.5
3.5
4.5
2345
Card moving distance L (mm)
IF=10mA
VCE=2V
d=4mm
IF=4mA
VCE=2V
d=1mm
0
d
L
White
Black
+
-
-4
-3
-5
-6
2
4
3
-1
-2
0
1
120
100
80
60
40
20
0
Card moving distance L (mm)
IF=10mA
VCE=2V
d=4mm
IF=4mA
VCE=2V
d=1mm
d
L
White
Black
0
+
-
-4
-3
-5
-6
2
4
3
-1
-2
0
1
120
100
80
60
40
20
0
Input
Output
Input
Output
90%
10%
t
t f
t r
t
0
VCC
RL
0
IL
Aluminum-deposited surface
Glass
d
Sensor



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com