Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3L110LEX Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3L110LEX
Description  3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3L110LEX Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3L110LEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3L110LEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3L110LEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3L110LEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3L110LEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3L110LEX Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
PS8690E
03/23/07
Features
• RON is 4Ω typical
• Low crosstalk: –27dB @ 250 MHz
• Near-Zero propagation delay: 250ps
• Switching speed: 9ns
• Channel On capacitance: 9pF (typical)
• VCC Operating Range: +3.0V to +3.6V
• >2kV ESD protection (human body model)
• >350 MHz bandwidth (or data frequency)
• Switching on Data I/O Ports (0 to 5V)
• IOFF supports Partial-Power-Down mode operation
• Data and Control Inputs have Undershoot Clamp Diodes
• Packaging (Pb-free & Green available)
– 16-pin 150-mil wide plastic QSOP (Q)
– 16-pin 173-mil wide plastic TSSOP (L)
Applications
• Dual Physical Layer Device sharing to one interface
connector
• Routes signals for 10/100 Mbit Ethernet
Description
The PI3L110 is a 8- to 4-bit multiplexer/demultiplexer LAN
Switch with Hi-Z outputs. Industry leading advantages include a
propagation delay of less than 250ps, resulting from its low channel
resistance and I/O capacitance. The device multiplexes differential
outputs from a Fast Ethernet transceiver (PHY) device to one of
two corresponding outputs. The switch is bidirectional and offers
little or no attenuation of the high-speed signals at the outputs. It
is designed for low bit-to-bit skew, high channel-to-channel noise
isolation and is compatible with various standards, such as 10/100
Base-T (Ethernet).
Generally, this part can be used to replace mechanical relays in
low-voltage LAN applications that interface a physical layer over
CAT 5 or CAT 6 unshielded twisted pair cable through an isolation
transformer.
The PI3L110 is fully specified for partial-power-down applications
using IOFF. The IOFF feature ensures that damaging current will
not backflow thoughout the device when it is powered down. The
device has isolation during Power Off.
Block Diagram
Pin Configuration
PI3L110
3.3V Quad, 2:1 Mux/DeMux
Fast Ethernet LAN Switch w/ Single Enable
VCC
1
S
16
E
2
IA0
15
ID0
3
IA1
14
ID1
4
YA
13
YD
5
IB0
12
IC0
6
IB1
11
IC1
7
YB
10
YC
8
GND
9
E
IA0
IA1
IB0
IB1
IC0
IC1
ID0
ID1
S
YA
YB
YC
YD
07-0076


Similar Part No. - PI3L110LEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3L110LE PERICOM-PI3L110LE Datasheet
396Kb / 6P
3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PI3L110LE PERICOM-PI3L110LE Datasheet
639Kb / 7P
3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
More results

Similar Description - PI3L110LEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3257 PERICOM-PI3B3257 Datasheet
192Kb / 5P
3.3V, Quad 2:1 Mux/Demux Bus Switch
PI3L110 PERICOM-PI3L110 Datasheet
396Kb / 6P
3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PI3L500 PERICOM-PI3L500 Datasheet
455Kb / 7P
3.3V, 8-Channel, 2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable
PI3DBV20 PERICOM-PI3DBV20 Datasheet
305Kb / 6P
3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux Video Switch w/ Single Enable
PI3DBV10 PERICOM-PI3DBV10 Datasheet
335Kb / 6P
3.3V, Wide Bandwidth, 1-Channel, 2:1 Mux/ DeMux Video Switch w/ Single Enable
PI3L500-A PERICOM-PI3L500-A Datasheet
433Kb / 7P
3.3V, 8-Channel, 2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable and Enhanced ESD Protection
PI3L510 PERICOM-PI3L510 Datasheet
392Kb / 6P
3.3V, 4-Channel, 2:1, Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
logo
Potato Semiconductor Co...
PO3B10A POTATO-PO3B10A Datasheet
543Kb / 6P
2-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
PO3B20A POTATO-PO3B20A Datasheet
548Kb / 6P
4-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
logo
Pericom Semiconductor C...
PI3L110 PERICOM-PI3L110_14 Datasheet
639Kb / 7P
3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com