Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC1608J515CS Datasheet(PDF) 21 Page - Samsung semiconductor

Part # RC1608J515CS
Description  We, Samsung, declare that our component Chip Resistor is produced in accordance with EU RoHS directive.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC1608J515CS Datasheet(HTML) 21 Page - Samsung semiconductor

Back Button RC1608J515CS Datasheet HTML 17Page - Samsung semiconductor RC1608J515CS Datasheet HTML 18Page - Samsung semiconductor RC1608J515CS Datasheet HTML 19Page - Samsung semiconductor RC1608J515CS Datasheet HTML 20Page - Samsung semiconductor RC1608J515CS Datasheet HTML 21Page - Samsung semiconductor RC1608J515CS Datasheet HTML 22Page - Samsung semiconductor RC1608J515CS Datasheet HTML 23Page - Samsung semiconductor RC1608J515CS Datasheet HTML 24Page - Samsung semiconductor RC1608J515CS Datasheet HTML 25Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
c m y k 연교정
20
21
70
℃
Type
Power
Rating
(W)
Working
Voltage
(Vr)
Resistance
Range (Ω)
T.C.R
(ppm/℃)
Tolerance
(%)
Rated
Ambient
Temperature
The rated power is the maximum continuous loading
power at 70℃ ambient temperature.
For ambient temperature above 70℃, the loading power
follows the below power derating curve.
- R means decimal point.
- Other digits represent
significant value.
- Example: R010
Left 1 digit: R
Last 3 digits:010
R010 = 0.010
Ω = 10mΩ
4 digits indication
(E-24 series)
R
R0
01
10
0
Resistance
T.C.R
Overload(Short time)
Overload(Intermittent)
Resistance to solder Heat
Moisture Resistance
Endurance at 70
℃
Bending strength
within specified tolerance
within specified T.C.R
±(1.0%+0.0005
Ω)
±(3.0%+0.0005
Ω)
±(1.0%+0.0005
Ω)
±(3.0%+0.0005
Ω)
±(3.0%+0.0005
Ω)
±(1.0%+0.0005
Ω)
at 25
℃. Kelvin Probing Method.
20
℃/-55℃ & 20℃/+125℃
Rated Voltage
×2.5 for 5sec.
Rated Voltage
×2.5
1sec on, 25sec off 10,000cycies.
260
℃±5℃, 10±1sec
40
℃, 95%RH, 1,000hr, 1.5hr On/0.5hr off cycle
70
℃, 1,000hr, 1.5hr On/0.5hr off cycle
60mm/min speed, Press until 3mm, keep 5sec
Item
Requirement dR%
Test Method
RUW1608
RUW2012
RUW3216
10m~100m
R〈25m:
±600
R〈33m:
±400
R
≥33m:
±150
R
≤25m:
±600
R〈33m:
±400
R
≥33m:
±150
R〈25m:
±500
R〈33m:
±350
R
≥33m:
±150
F:
±1
J:
±5
F:
±1
J:
±5
F:
±1
J:
±5
Specification
Performance Characteristics
Power Derating Curve
Marking
The specifications and designs contained herein may be subject to change without notice.
Please contact our sales representatives or product engineers before order.
100
80
60
40
20
0
Operation area
-55
-30
0
30
60
90
120
150
Ambient Temperature(
℃)
70
155
•Working voltage = Rated voltage(Vr)=(P×R) (P:Rated Power, R:Norminal Resistance)
Please contact our sales representatives or product engineers for lower T.C.R or higher rated power products.
-55
℃~+155℃
Rated
Working
Temperature
1/3
(0.33)
1/2
(0.5)
1
(1)
(P
×R)
√
Operation
Notes
Example of land
Pattern Design
Recommended
Soldering Conditions
General Structure
General
Precision
Jumper
Low ohms
(RC Series)
Low ohms
(RUT Series)
Ultra Low Ohms
(RU Series)
Ultra Low Ohms
(RUW Series)
Ultra Low Ohms
(RUK Series)
Arrays
(CONVEX Type)
Arrays
(CONCAVE Type)
Arrays
(FLAT Type)
Arrays for
Memory Modules
Attenuator
Characteristics
Performance
Packaging
Standard
Resistance Value
CHIP Resistor
2012.7.23 2:36 PM
˘
` 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com