Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

51795B Datasheet(PDF) 51 Page - Microchip Technology

Part # 51795B
Description  PICkit??3 Programmer/Debugger
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

51795B Datasheet(HTML) 51 Page - Microchip Technology

Back Button 51795B Datasheet HTML 47Page - Microchip Technology 51795B Datasheet HTML 48Page - Microchip Technology 51795B Datasheet HTML 49Page - Microchip Technology 51795B Datasheet HTML 50Page - Microchip Technology 51795B Datasheet HTML 51Page - Microchip Technology 51795B Datasheet HTML 52Page - Microchip Technology 51795B Datasheet HTML 53Page - Microchip Technology 51795B Datasheet HTML 54Page - Microchip Technology 51795B Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 100 page
background image
Error Messages
 2010 Microchip Technology Inc.
DS51795B-page 51
PK3Err0029: Communication failure. Unexpected command echo response %x
received from PICkit 3.
See Section 9.3.3 “Debugger-to-PC Communication Error Actions”.
PK3Err0030: Unable to read/find firmware File %s.
If the Hex file exists:
• Reconnect and try again.
• If this does not work, the file may be corrupted. Reinstall MPLAB IDE.
If the Hex file does not exist:
• Reinstall MPLAB IDE.
PK3Err0031: Failed to get PC.
PK3Err0032: Failed to set PC.
See Section 9.3.2 “Debugger-to-Target Communication Error Actions”.
PK3Err0033: %d bytes expected, %d bytes received.
See Section 9.3.3 “Debugger-to-PC Communication Error Actions”.
PK3Err0034: This version of MPLAB IDE does not support hardware revision
%06x. Please upgrade to the latest version of MPLAB IDE before continuing.
Find the latest MPLAB IDE at www.microchip.com.
PK3Err0035: Failed to get Device ID.
See Section 9.3.1 “Read/Write Error Actions”.
PK3Err0036: MPLAB IDE has lost communication with PICkit 3.
See Section 9.3.3 “Debugger-to-PC Communication Error Actions”.
PK3Err0037: Timed out waiting for response from PICkit 3.
PK3Err0038: Failed to initialize PICkit 3.
PK3Err0039: PICkit 3 self-test failed.
For this error, the debugger is not responding:
1. Unplug and plug in the debugger.
2. Reconnect to the debugger in MPLAB IDE.
3. If the problem persists contact Microchip.
PK3Err0040: The target device is not ready for debugging. Please check your
Configuration bit settings and program the device before proceeding.
You will receive this message when you have not programmed your device for
the first time and try to Run. If you receive this message after this, or immediately
after programming your device, please refer to Section 9.3.6 “Debug Failure
Actions”.
PK3Err0043: RS download failed.
PK3Err0044: AP download failed.
PK3Err0045: You must connect to a target device to use PICkit 3.
No power has been found.
1. Ensure VDD and GND are connected between the debugger and target.
2. Ensure that the target is powered.
3. Ensure that the target power is sufficient to be detected by the debugger (see
Appendix A. “Hardware Specification”.)
PK3Err0046: An error occurred while trying to read the stopwatch count. The
stopwatch count may not be accurate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com