Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP10P50P Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXTP10P50P
Description  PolarPTM Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP10P50P Datasheet(HTML) 5 Page - IXYS Corporation

  IXTP10P50P Datasheet HTML 1Page - IXYS Corporation IXTP10P50P Datasheet HTML 2Page - IXYS Corporation IXTP10P50P Datasheet HTML 3Page - IXYS Corporation IXTP10P50P Datasheet HTML 4Page - IXYS Corporation IXTP10P50P Datasheet HTML 5Page - IXYS Corporation IXTP10P50P Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2012 IXYS CORPORATION, All Rights Reserved
IXTA10P50P IXTQ10P50P
IXTP10P50P IXTH10P50P
Fig. 7. Input Admittance
-16
-14
-12
-10
-8
-6
-4
-2
0
-6.5
-6.0
-5.5
-5.0
-4.5
-4.0
-3.5
VGS - Volts
TJ = 125ºC
25ºC
- 40ºC
Fig. 8. Transconductance
0
4
8
12
16
20
24
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
ID - Amperes
TJ = - 40ºC
25ºC
125ºC
Fig. 9. Forward Voltage Drop of Intrinsic Diode
-30
-25
-20
-15
-10
-5
0
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
VSD - Volts
TJ = 125ºC
TJ = 25ºC
Fig. 10. Gate Charge
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0
5
10
15
20
25
30
35
40
45
50
QG - NanoCoulombs
VDS = - 250V
I D = - 5A
I G = -1mA
Fig. 11. Capacitance
10
100
1,000
10,000
-40
-35
-30
-25
-20
-15
-10
-5
0
VDS - Volts
f = 1 MHz
Ciss
Crss
Coss
Fig. 12. Forward-Bias Safe Operating Area
0.1
1
10
100
10
100
1000
VDS - Volts
TJ = 150ºC
TC = 25ºC
Single Pulse
25µs
1ms
100µs
RDS(on) Limit
10ms
DC
-
-
-
-
--
-
100ms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com