Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP32N20T Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTP32N20T
Description  TrenchTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP32N20T Datasheet(HTML) 1 Page - IXYS Corporation

  IXTP32N20T Datasheet HTML 1Page - IXYS Corporation IXTP32N20T Datasheet HTML 2Page - IXYS Corporation IXTP32N20T Datasheet HTML 3Page - IXYS Corporation IXTP32N20T Datasheet HTML 4Page - IXYS Corporation IXTP32N20T Datasheet HTML 5Page - IXYS Corporation IXTP32N20T Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2010 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 175°C
200
V
V
DGR
T
J
= 25
°C to 175°C, R
GS = 1MΩ
200
V
V
GSS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C32
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
64
A
I
A
T
C = 25°C16
A
E
AS
T
C = 25°C
250
mJ
dv/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 175°C
10
V/ns
P
D
T
C = 25°C
200
W
T
J
- 55 ... +175
°C
T
JM
175
°C
T
stg
- 55 ... +175
°C
T
L
1.6mm (0.062in.) from Case for 10s
300
°C
T
sold
Plastic Body for 10 Seconds
260
°C
M
d
Mounting Torque (TO-220)
1.13 / 10
Nm/lb.in.
Weight
TO-263
2.5
g
TO-220
3.0
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
200
V
V
GS(th)
V
DS = VGS, ID = 250μA
3.0
5.0
V
I
GSS
V
GS = ± 20V, VDS = 0V
±100 nA
I
DSS
V
DS = VDSS, VGS= 0V
3
μA
T
J = 150°C
200
μA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Notes 1, 2
78 m
Ω
TrenchTM
Power MOSFET
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Rectifier
IXTA32N20T
IXTP32N20T
V
DSS
= 200V
I
D25
= 32A
R
DS(on) ≤
≤≤≤≤ 78m
Ω
Ω
Ω
Ω
Ω
DS99959B(10/10)
Features
International Standard Packages
175°C Operating Temperature
Avalanche Rated
Low R
DS(on)
Fast Intrinsic Rectifier
High Current Handling Capability
Advantages
Easy to Mount
Space Savings
High Power Density
Applications
DC-DC Converters
Battery Chargers
Switch-Mode and Resonant-Mode
Power Supplies
DC Choppers
AC Motor Drives
Uninterruptible Power Supplies
High Speed Power Switching
Applications
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-263 AA (IXTA)
G
D S
TO-220AB (IXTP)
D (Tab)
G
S
D (Tab)


Similar Part No. - IXTP32N20T

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTP32N20T ISC-IXTP32N20T Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTP32N20T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA8N50P IXYS-IXTA8N50P Datasheet
228Kb / 5P
PolarHV Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTQ74N20P IXYS-IXTQ74N20P Datasheet
175Kb / 5P
PolarHTTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTA16N50P IXYS-IXTA16N50P Datasheet
148Kb / 4P
PolarHVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTQ18N60P IXYS-IXTQ18N60P Datasheet
176Kb / 5P
PolarHVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTA130N10T IXYS-IXTA130N10T Datasheet
154Kb / 5P
TrenchMVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTH200N10T IXYS-IXTH200N10T Datasheet
175Kb / 5P
TrenchMVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTH130N10T IXYS-IXTH130N10T Datasheet
145Kb / 5P
TrenchMVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTH110N25T IXYS-IXTH110N25T Datasheet
210Kb / 5P
TrenchTM Power MOSFETs N-Channel Enhancement Mode Avalanche Rated
IXTA4N80P IXYS-IXTA4N80P Datasheet
178Kb / 4P
PolarHV Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com