Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTA3N100P Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTA3N100P
Description  Polar VHVTM Power MOSFET N-Channel Enhancement Mode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTA3N100P Datasheet(HTML) 2 Page - IXYS Corporation

  IXTA3N100P Datasheet HTML 1Page - IXYS Corporation IXTA3N100P Datasheet HTML 2Page - IXYS Corporation IXTA3N100P Datasheet HTML 3Page - IXYS Corporation IXTA3N100P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTA3N100P IXTP3N100P
IXTH3N100P
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max
g
fs
V
DS= 20V, ID = 0.5 • ID25, Note 1
1.5
2.4
S
C
iss
1220
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
70
pF
C
rss
14.5
pF
t
d(on)
Resistive Switching Times
22
ns
t
r
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
27
ns
t
d(off)
R
G = 18Ω (External)
75
ns
t
f
29
ns
Q
g(on)
39
nC
Q
gs
V
GS= 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
6
nC
Q
gd
20
nC
R
thJC
1.0
°C/W
R
thCS
(TO-220)
0.50
°C/W
(TO-247)
0.21
°C/W
Source-Drain Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
Min.
Typ.
Max.
I
S
V
GS = 0V
3
A
I
SM
Repetitive
9
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.5 V
t
rr
I
F = 3A, -di/dt = 100A/μs,
V
R = 100V, VGS = 0V
820
ns
Note 1: Pulse test, t
≤ 300 μs; duty cycle, d ≤ 2%.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065B1
6,683,344
6,727,585
7,005,734B2
7,157,338B2
by one or moreof the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123B1
6,534,343
6,710,405B2
6,759,692
7,063,975B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728B1
6,583,505
6,710,463
6,771,478B2 7,071,537
Pins: 1 - Gate
2 - Drain
TO-220 (IXTP) Outline
TO-263 (IXTA) Outline
∅ P
TO-247 (IXTH) Outline
1
2
3
Terminals: 1 - Gate 2 - Drain
3 - Source
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80
21.46
.819
.845
E
15.75
16.26
.610
.640
e
5.20
5.72
0.205
0.225
L
19.81
20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40
0.232
0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com