Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF128UDI Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AF128UDI
Description  ATP Industrial Grade microSD/microSDHC Card Specification
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AF128UDI Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AF128UDI Datasheet HTML 5Page - List of Unclassifed Manufacturers AF128UDI Datasheet HTML 6Page - List of Unclassifed Manufacturers AF128UDI Datasheet HTML 7Page - List of Unclassifed Manufacturers AF128UDI Datasheet HTML 8Page - List of Unclassifed Manufacturers AF128UDI Datasheet HTML 9Page - List of Unclassifed Manufacturers AF128UDI Datasheet HTML 10Page - List of Unclassifed Manufacturers AF128UDI Datasheet HTML 11Page - List of Unclassifed Manufacturers AF128UDI Datasheet HTML 12Page - List of Unclassifed Manufacturers AF128UDI Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Revision 2.4
ATP Industrial Grade microSD/microSDHC Card Specification
High Speed Mode Bus Timing
Parameter
Symbol
Min
Max
Unit
Remark
Clock CLK (All values are referred to min (VIH) and max (VIL)
Clock frequency Data Transfer Mode
fPP
0
50
MHz
CL <= 10 pF(1 card)
Clock low time
tWL
7
-
ns
CL <= 10 pF(1 card)
Clock high time
tWH
7
-
ns
CL <= 10 pF(1 card)
Clock rise time
tTLH
-
3
ns
CL <= 10 pF(1 card)
Clock fall time
tTHL
-
3
ns
CL <= 10 pF(1 card)
Inputs CMD, DAT (referenced to CLK)
Input set-up time
tISU
6
-
ns
CL <= 10 pF(1 card)
Input hold time
tIH
2
-
ns
CL <= 10 pF(1 card)
Outputs CMD, DAT (referenced to CLK)
Output Delay time during Data Transfer
Mode
tODLY
-
14
ns
CL <= 40 pF(1 card)
Y
Yoouurr U
Ullttiim
maattee M
Meem
moorryy SSoolluuttiioonn!!
9
ATP Confidential & Proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com