Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX700GP Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPX700GP
Description  0 to 700 kPa (0-100 psi) 60 mV FULL SCALE SPAN (TYPICAL)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX700GP Datasheet(HTML) 4 Page - Motorola, Inc

  MPX700GP Datasheet HTML 1Page - Motorola, Inc MPX700GP Datasheet HTML 2Page - Motorola, Inc MPX700GP Datasheet HTML 3Page - Motorola, Inc MPX700GP Datasheet HTML 4Page - Motorola, Inc MPX700GP Datasheet HTML 5Page - Motorola, Inc MPX700GP Datasheet HTML 6Page - Motorola, Inc MPX700GP Datasheet HTML 7Page - Motorola, Inc MPX700GP Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MPX700 SERIES
4
Motorola Sensor Device Data
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Motorola designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing silicone gel which
isolates the die from the environment. The differential or
gauge sensor is designed to operate with positive differential
pressure applied, P1 > P2. The absolute sensor is designed
for vacuum applied to P1 side.
The Pressure (P1) side may be identified by using the
table on the below:
Part Number
Case Type
Pressure (P1) Side Identifier
MPX700A, MPX700D
344–15C
Stainless Steel Cap
MPX700DP
344C–01
Side with Part Marking
MPX700AP, MPX700GP
344B–01
Side with Port Attached
MPX700GVP
344D–01
Stainless Steel Cap
MPX700AS, MPX700GS
344E–01
Side with Port Attached
MPX700ASX, MPX700GSX
344F–01
Side with Port Attached
MPX700GVSX
344G–01
Stainless Steel Cap
ORDERING INFORMATION
MPX700 series pressure sensors are available in differential and gauge configurations. Devices are available in the basic
element package or with pressure port fittings which provide printed circuit board mounting ease and barbed hose pressure
connections.
Di
T
Oi
CT
MPX Series
Device Type
Options
Case Type
Order Number
Device Marking
Basic Element
Absolute, Differential
Case 344–15
MPX700A
MPX700D
MPX700A
MPX700D
Ported Elements
Differential
Case 344C–01
MPX700DP
MPX700DP
Absolute, Gauge
Case 344B–01
MPX700AP
MPX700GP
MPX700AP
MPX700GP
Gauge Vacuum
Case 344D–01
MPX700GVP
MPX700GVP
Absolute, Gauge Stove Pipe
Case 344E–01
MPX700AS
MPX700GS
MPX700A
MPX700D
Absolute, Gauge Axial
Case 344F–01
MPX700ASX
MPX700GSX
MPX700A
MPX700D
Gauge Vacuum Axial
Case 344G–01
MPX700GVSX
MPX700D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com