Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEI-RNF_RNMF Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SEI-RNF_RNMF
Description  General Purpose Metal Film Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SEI-RNF_RNMF Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SEI-RNF_RNMF Datasheet HTML 1Page - List of Unclassifed Manufacturers SEI-RNF_RNMF Datasheet HTML 2Page - List of Unclassifed Manufacturers SEI-RNF_RNMF Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rev Date: 10/23/2012
3
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RNF/RNMF Series
General Purpose Metal Film Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
1
2
3
4
5
6
7
8
9
10
11
12
R
N
F
1
4
F
T
D
4
K
7
5
70
60
50
40
30
20
10
0
100
Percent Rated Power (%)
20
40
60
80
RNF18
RNMF12
RNF12
RNMF14
RNF14
RNF
Standard
Value
Code
Code ppm
RNMF
Mini
T
10
E
25
2,500
C
50
1,000
D
100
2,000
1,000
(*) Precision metal film resistors with tolerances <1% may be available in smaller quantities. Contact factory for more details.
T
A
B
Bulk
Ammo
Tape and Reel
14
12
1
1W
0.25W
2W
B
PRNF
Panasert
RoHS
2
0.5W
10.2 Kohm = 10K2
Four characters with
the multiplier used
as the decimal
holder.
10 ohm = 10R0
RNF18, RNF14
RNF12, RNF1
RNF2
RNMF14, RNMF12
5,000
Product Series
Power
Size
TCR
Tolerance
Quantity
Packaging
0.125W
18
Description
J
G
2%
1%
5%
1 Mohm = 1M00
RNF1, RNF2
1,000
RNMF14, RNMF12
5,000 (*)
RNF12
E24
RNF18, RNF14, RNF12, RNF2
RNMF12, RNMF14
RNF18, RNF14
F
Resistance Value
Size
Tol
E96, E24
Code
0.05%
0.25%
0.5%
D
A
C
0.1%
Nominal
Code
Resistance
1/4
4.75K
Type
Description
Code
Tol
Values
SEI Types
Pkg Qty
Code
Description
RNF
Standard
1/8
T1 100ppm
0.05%
RNF18, RNF14, RNMF14, RNMF12
5,000
RNMF
Mini
1/4
T2
50ppm
0.1%
RNF12, RNF1
2,500
PRN
Panasert
1/2
T9
25ppm
0.25%
RNF2
1,000
PRNF
Pana - RoHS
1
TB
10ppm
0.5%
RNF18, RNF14, RNFM14, RNMF12
5,000 (*)
2
1%
RNF12
2,000
5%
E24
RNF1, RNF2
1,000
(*) Precision metal film resistors with tolerances <1% may be available in smaller quantities. Contact factory for more details.
RNF18, RNF14, RNF12, RNF2, RNF1,
RNMF14, RNMF12
1,000
A
Bulk
TCR
R
1%
R
Tape and Reel
E96, E24
T
Ammo
RNF
T1
SEI Type
Tolerance
Packaging
TCR
Surface Temperature Rise:
Legacy Part Number (before January 3, 2011):
How to Order



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com