Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI12N65M5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STI12N65M5
Description  N-channel 650 V, 0.39 Ohm, 8.5 A MDmesh V Power MOSFET DPAK, I2PAK, TO-220FP, TO-220, IPAK
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI12N65M5 Datasheet(HTML) 3 Page - STMicroelectronics

  STI12N65M5 Datasheet HTML 1Page - STMicroelectronics STI12N65M5 Datasheet HTML 2Page - STMicroelectronics STI12N65M5 Datasheet HTML 3Page - STMicroelectronics STI12N65M5 Datasheet HTML 4Page - STMicroelectronics STI12N65M5 Datasheet HTML 5Page - STMicroelectronics STI12N65M5 Datasheet HTML 6Page - STMicroelectronics STI12N65M5 Datasheet HTML 7Page - STMicroelectronics STI12N65M5 Datasheet HTML 8Page - STMicroelectronics STI12N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
STD/F/I/P/U12N65M5
Electrical ratings
Doc ID 15428 Rev 5
3/23
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220, IPAK,
DPAK, I²PAK
TO-220FP
VDS
Drain-source voltage (VGS = 0)
650
V
VGS
Gate-source voltage
25
V
ID
Drain current (continuous) at TC = 25 °C
8.5
8.5 (1)
1.
Limited only by maximum temperature allowed.
A
ID
Drain current (continuous) at TC = 100 °C
5.4
5.4 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
34
34 (1)
A
PTOT
Total dissipation at TC = 25 °C
70
25
W
IAR
Avalanche current, repetitive or not-
repetitive (pulse width limited by Tj max)
2.5
A
EAS
Single pulse avalanche energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
150
mJ
dv/dt (3)
3.
ISD ≤ 8.5 A, di/dt ≤400 A/µs; VPeak < V(BR)DSS, VDD = 400 V
Peak diode recovery voltage slope
15
V/ns
VISO
Insulation withstand voltage (RMS) from all
three leads to external heat sink
(t = 1 s; TC = 25 °C)
2500
V
Tstg
Storage temperature
- 55 to 150
°C
Tj
Max. operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
DPAK
IPAK
I²PAK TO-220 TO-220FP
Rthj-case
Thermal resistance junction-case
max
1.79
5
°C/W
Rthj-amb
Thermal resistance junction-
ambient max
100
62.5
°C/W
Rthj-pcb
(1)
1.
When mounted on 1inch² FR-4 board, 2 oz Cu
Thermal resistance junction-pcb
max
50
°C/W
Tl
Maximum lead temperature for
soldering purpose
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com