Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F051R6 Datasheet(PDF) 69 Page - STMicroelectronics

Part # STM32F051R6
Description  Low- and medium-density advanced ARM-based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F051R6 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM32F051R6 Datasheet HTML 65Page - STMicroelectronics STM32F051R6 Datasheet HTML 66Page - STMicroelectronics STM32F051R6 Datasheet HTML 67Page - STMicroelectronics STM32F051R6 Datasheet HTML 68Page - STMicroelectronics STM32F051R6 Datasheet HTML 69Page - STMicroelectronics STM32F051R6 Datasheet HTML 70Page - STMicroelectronics STM32F051R6 Datasheet HTML 71Page - STMicroelectronics STM32F051R6 Datasheet HTML 72Page - STMicroelectronics STM32F051R6 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 104 page
background image
Electrical characteristics
STM32F051x
70/105
Doc ID 022265 Rev 3
All I/Os are CMOS and TTL compliant (no software configuration required). Their
characteristics cover more than the strict CMOS-technology or TTL parameters. The
coverage of these requirements is shown in Figure 16 and Figure 17 for standard I/Os, and
in Figure 18 and Figure 19 for 5 V tolerant I/Os.
Ilkg
Input leakage current (3)
VSS ≤ VIN ≤ VDD
I/O TC, FT and FTf
--
±0.1
µA
VSS ≤ VIN ≤ VDD
2 V
≤ VDD ≤ VDDA ≤ 3.6 V
I/O TTa used in digital
mode
--
±0.1
VIN= 5 V
I/O FT and FTf
--
10
VIN= 3.6 V,
2 V
≤ VDD ≤ VIN
VDDA = 3.6 V
I/O TTa used in digital
mode
--
1
VSS ≤ VIN ≤ VDDA
2 V
≤ VDD ≤ VDDA ≤ 3.6 V
I/O TTa used in analog
mode
--
±0.2
RPU
Weak pull-up equivalent
resistor(4)
VIN = VSS
30
40
50
k
Ω
RPD
Weak pull-down
equivalent resistor(4)
VIN = VDD
30
40
50
k
Ω
CIO
I/O pin capacitance
-
5
-
pF
1.
To sustain a voltage higher than VDD+0.3 the internal pull-up/pull-down resistors must be disabled.
2.
Hysteresis voltage between Schmitt trigger switching levels. Data based on characterization, not tested in production.
3.
Leakage could be higher than max. if negative current is injected on adjacent pins.
4.
Pull-up and pull-down resistors are designed with a true resistance in series with a switchable PMOS/NMOS. This
MOS/NMOS contribution to the series resistance is minimum (~10% order)
.
Table 50.
I/O static characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com