Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF10N65K3 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STF10N65K3
Description  N-channel 650 V, 0.75 Ohm typ., 10 A Zener-protected SuperMESH3 Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF10N65K3 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STF10N65K3 Datasheet HTML 9Page - STMicroelectronics STF10N65K3 Datasheet HTML 10Page - STMicroelectronics STF10N65K3 Datasheet HTML 11Page - STMicroelectronics STF10N65K3 Datasheet HTML 12Page - STMicroelectronics STF10N65K3 Datasheet HTML 13Page - STMicroelectronics STF10N65K3 Datasheet HTML 14Page - STMicroelectronics STF10N65K3 Datasheet HTML 15Page - STMicroelectronics STF10N65K3 Datasheet HTML 16Page - STMicroelectronics STF10N65K3 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
STF10N65K3, STFI10N65K3, STP10N65K3
Package mechanical data
Doc ID 15732 Rev 3
13/17
Figure 24.
I2PAKFP drawing
Table 10.
I2PAKFP mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.40
-
4.60
B2.50
2.70
D2.50
2.75
D1
0.65
0.85
E0.45
0.70
F0.75
1.00
F1
1.20
G4.95
5.20
H
10.00
10.40
L1
21.00
23.00
L2
13.20
14.10
L3
10.55
10.85
L4
2.70
3.20
L5
0.85
1.25
L6
7.30
7.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com