Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F050F6 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STM32F050F6
Description  Low- and medium-density advanced ARM-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F050F6 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STM32F050F6 Datasheet HTML 40Page - STMicroelectronics STM32F050F6 Datasheet HTML 41Page - STMicroelectronics STM32F050F6 Datasheet HTML 42Page - STMicroelectronics STM32F050F6 Datasheet HTML 43Page - STMicroelectronics STM32F050F6 Datasheet HTML 44Page - STMicroelectronics STM32F050F6 Datasheet HTML 45Page - STMicroelectronics STM32F050F6 Datasheet HTML 46Page - STMicroelectronics STM32F050F6 Datasheet HTML 47Page - STMicroelectronics STM32F050F6 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 97 page
background image
Electrical characteristics
STM32F050xx
44/97
Doc ID 023683 Rev 1
Table 21.
Typical and maximum current consumption from the VDDA supply
Symbol Parameter
Conditions
(1)
fHCLK
VDDA = 2.4 V
VDDA = 3.6 V
Unit
Typ
Max @ TA
(2)
Typ
Max @ TA
(2)
25 °C
85 °C
105 °C
25 °C
85 °C
105 °C
IDDA
Supply
current in
Run mode,
code
executing
from Flash
or RAM
HSE
bypass,
PLL on
48 MHz
150
170
178
182
164
183
195
198
µA
32 MHz
104
121
126
128
113
129
135
138
24 MHz
82
96
100
103
88
102
106
108
HSE
bypass,
PLL off
8 MHz
2.0
2.7
3.1
3.3
3.5
3.8
4.1
4.4
1 MHz
2.0
2.7
3.1
3.3
3.5
3.8
4.1
4.4
HSI clock,
PLL on
48 MHz
220
240
248
252
244
263
275
278
32 MHz
174
191
196
198
193
209
215
218
24 MHz
152
167
173
174
168
183
190
192
HSI clock,
PLL off
8 MHz
72
79
82
83
83.5
91
94
95
Supply
current in
Sleep
mode,
code
executing
from Flash
or RAM
HSE
bypass,
PLL on
48 MHz
150
170
178
182
164
183
195
198
32 MHz
104
121
126
128
113
129
135
138
24 MHz
82
96
100
103
88
102
106
108
HSE
bypass,
PLL off
8 MHz
2.0
2.7
3.1
3.3
3.5
3.8
4.1
4.4
1 MHz
2.0
2.7
3.1
3.3
3.5
3.8
4.1
4.4
HSI clock,
PLL on
48 MHz
220
240
248
252
244
263
275
278
32 MHz
174
191
196
198
193
209
215
218
24 MHz
152
167
173
174
168
183
190
192
HSI clock,
PLL off
8 MHz
72
79
82
83
83.5
91
94
95
1.
Current consumption from the VDDA supply is independent of whether the peripherals are on or off. Furthermore when the
PLL is off, IDDA is independent from the frequency.
2.
Data based on characterization results, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com