Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F050G6 Datasheet(PDF) 89 Page - STMicroelectronics

Part # STM32F050G6
Description  Low- and medium-density advanced ARM-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F050G6 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STM32F050G6 Datasheet HTML 85Page - STMicroelectronics STM32F050G6 Datasheet HTML 86Page - STMicroelectronics STM32F050G6 Datasheet HTML 87Page - STMicroelectronics STM32F050G6 Datasheet HTML 88Page - STMicroelectronics STM32F050G6 Datasheet HTML 89Page - STMicroelectronics STM32F050G6 Datasheet HTML 90Page - STMicroelectronics STM32F050G6 Datasheet HTML 91Page - STMicroelectronics STM32F050G6 Datasheet HTML 92Page - STMicroelectronics STM32F050G6 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 97 page
background image
STM32F050xx
Package characteristics
Doc ID 023683 Rev 1
89/97
Figure 36.
UFQFPN28 - 4 x 4 mm, 28-lead ultra thin fine pitch quad flat no-lead package outline
1.
Drawing is not to scale.
2.
Dimensions are in millimeters.
3.
All leads/pads should also be soldered to the PCB to improve the lead/pad solder joint life.
X
Table 63.
UFQFPN28 – 4 x 4 mm, 28-lead ultra thin fine pitch quad flat no-lead package
mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A
0.5
0.55
0.6
0.0197
0.0217
0.0236
A1
-0.05
0
0.05
-0.002
0
0.002
D
3.9
4
4.1
0.1535
0.1575
0.1614
D1
2.9
3
3.1
0.1142
0.1181
0.122
E
3.9
4
4.1
0.1535
0.1575
0.1614
E1
2.9
3
3.1
0.1142
0.1181
0.122
L
0.3
0.4
0.5
0.0118
0.0157
0.0197
L1
0.25
0.35
0.45
0.0098
0.0138
0.0177
T
0.152
0.006
b
0.2
0.25
0.3
0.0079
0.0098
0.0118
e
0.5
0.0197
1.
Values in inches are converted from mm and rounded to 4 decimal digits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com