Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M93C56M93C56-R Datasheet(PDF) 23 Page - STMicroelectronics

Part # M93C56M93C56-R
Description  16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit (8-bit or 16-bit wide) MICROWIRE serial access EEPROM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C56M93C56-R Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M93C56M93C56-R Datasheet HTML 19Page - STMicroelectronics M93C56M93C56-R Datasheet HTML 20Page - STMicroelectronics M93C56M93C56-R Datasheet HTML 21Page - STMicroelectronics M93C56M93C56-R Datasheet HTML 22Page - STMicroelectronics M93C56M93C56-R Datasheet HTML 23Page - STMicroelectronics M93C56M93C56-R Datasheet HTML 24Page - STMicroelectronics M93C56M93C56-R Datasheet HTML 25Page - STMicroelectronics M93C56M93C56-R Datasheet HTML 26Page - STMicroelectronics M93C56M93C56-R Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
DocID4997 Rev 13
23/33
M93C86xx M93C76xx M93C66xx M93C56xx M93C46xx
DC and AC parameters
Table 17. AC characteristics (M93Cx6, device grade 6)
Test conditions specified in Table 8 and Table 11
Symbol
Alt.
Parameter
Min.
Max.
Unit
fC
fSK
Clock frequency
D.C.
2
MHz
tSLCH
Chip Select low to Clock high
50
ns
tSHCH
tCSS
Chip Select setup time
M93C46, M93C56, M93C66
50
ns
Chip Select setup time
M93C76, M93C86
50
ns
tSLSH(1)
1. Chip Select Input (S) must be brought low for a minimum of tSLSH between consecutive
instruction cycles.
tCS
Chip Select low to Chip Select high
200
ns
tCHCL(2)
2. tCHCL + tCLCH ≥ 1 / fC.
tSKH
Clock high time
200
ns
tCLCH(2)
tSKL
Clock low time
200
ns
tDVCH
tDIS
Data in setup time
50
ns
tCHDX
tDIH
Data in hold time
50
ns
tCLSH
tSKS
Clock setup time (relative to S)
50
ns
tCLSL
tCSH
Chip Select hold time
0
ns
tSHQV
tSV
Chip Select to READY/BUSY status
200
ns
tSLQZ
tDF
Chip Select low to output Hi-Z
100
ns
tCHQL
tPD0
Delay to output low
200
ns
tCHQV
tPD1
Delay to output valid
200
ns
tW
tWP
Erase or Write cycle time
5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com