Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS922AIPT Datasheet(PDF) 12 Page - STMicroelectronics

Part # TS922AIPT
Description  Rail-to-rail, high output current dual operational amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS922AIPT Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TS922AIPT Datasheet HTML 8Page - STMicroelectronics TS922AIPT Datasheet HTML 9Page - STMicroelectronics TS922AIPT Datasheet HTML 10Page - STMicroelectronics TS922AIPT Datasheet HTML 11Page - STMicroelectronics TS922AIPT Datasheet HTML 12Page - STMicroelectronics TS922AIPT Datasheet HTML 13Page - STMicroelectronics TS922AIPT Datasheet HTML 14Page - STMicroelectronics TS922AIPT Datasheet HTML 15Page - STMicroelectronics TS922AIPT Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
TS922, TS922A macromodel
TS922, TS922A
12/24
DocID5150 Rev 11
4
TS922, TS922A macromodel
4.1
Important note concerning this macromodel
•
All models are a trade-off between accuracy and complexity (i.e. simulation time).
•
Macromodels are not a substitute to breadboarding; rather, they confirm the validity of
a design approach and help to select surrounding component values.
•
A macromodel emulates the nominal performance of a typical device within specified
operating conditions (for example, temperature and supply voltage). Thus the
macromodel is often not as exhaustive as the datasheet, its purpose is to illustrate the
main parameters of the product.
Data derived from macromodels used outside of the specified conditions (for example, VCC,
temperature) or worse, outside of the device operating conditions (for example, VCC, Vicm),
are not reliable in any way.
Section 4.2 provides the electrical characteristics resulting from the use of the TS922,
TS922A macromodel.
4.2
Electrical characteristics from macromodelization
Table 5. Electrical characteristics resulting from macromodel simulation
at VCC = 3 V, VCC- = 0 V, RL, CL connected to VCC/2, Tamb = 25 °C
(unless otherwise specified)
Symbol
Conditions
Value
Unit
Vio
0mV
Avd
RL = 10 kΩ
200
V/mV
ICC
No load, per operator
1.2
mA
Vicm
-0.2 to 3.2
V
VOH
RL = 10 kΩ
2.95
VOL
25
mV
Isink
VO = 3 V
80
mA
Isource
VO = 0 V
GBP
RL = 600 kΩ
4MHz
SR
RL = 10 kΩ, CL = 100 pF
1.3
V/
μs
φmRL = 600 kΩ
68
Degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com