Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M93C76M93C76-W Datasheet(PDF) 21 Page - STMicroelectronics

Part # M93C76M93C76-W
Description  16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit (8-bit or 16-bit wide) MICROWIRE serial access EEPROM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C76M93C76-W Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M93C76M93C76-W Datasheet HTML 17Page - STMicroelectronics M93C76M93C76-W Datasheet HTML 18Page - STMicroelectronics M93C76M93C76-W Datasheet HTML 19Page - STMicroelectronics M93C76M93C76-W Datasheet HTML 20Page - STMicroelectronics M93C76M93C76-W Datasheet HTML 21Page - STMicroelectronics M93C76M93C76-W Datasheet HTML 22Page - STMicroelectronics M93C76M93C76-W Datasheet HTML 23Page - STMicroelectronics M93C76M93C76-W Datasheet HTML 24Page - STMicroelectronics M93C76M93C76-W Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
DocID4997 Rev 13
21/33
M93C86xx M93C76xx M93C66xx M93C56xx M93C46xx
DC and AC parameters
Figure 8. AC testing input output waveforms
Table 13. Capacitance
Symbol
Parameter
Test condition(1)
1. Sampled only, not 100% tested, at TA = 25 °C and a frequency of 1 MHz.
Min
Max
Unit
COUT
Output capacitance
VOUT = 0V
5
pF
CIN
Input capacitance
VIN = 0V
5
pF
Table 14. DC characteristics (M93Cx6, device grade 6)
Symbol
Parameter
Test condition
Min.
Max.
Unit
ILI
Input leakage current
0V
≤ VIN ≤ VCC
±2.5
µA
ILO
Output leakage current
0V
≤ VOUT ≤ VCC, Q in Hi-Z
±2.5
µA
ICC
Supply current
VCC = 5 V, S = VIH, f = 2 MHz,
Q = open
2
mA
ICC1
Supply current (Standby)
VCC = 5 V, S = VSS, C = VSS,
ORG = VSS or VCC,
pin7 = VCC, VSS or Hi-Z
15
µA
VIL(1)
1. Please note that the input and output levels defined in this table are compatible with TTL logic
levels and are NOT fully compatible with CMOS levels (as defined in Table 15).
Input low voltage
VCC = 5 V ± 10%
–0.45
0.8
V
VIH(1)
Input high voltage
VCC = 5 V ± 10%
2
VCC + 1
V
VOL(1) Output low voltage
VCC = 5 V, IOL = 2.1 mA
0.4
V
VOH(1) Output high voltage
VCC = 5 V, IOH = –400 µA
0.8VCC
V
MS19788V2
2.4V
0.4V
2.0V
0.8V
2V
1V
Input
0.8VCC
0.2VCC
0.7VCC
0.3VCC
M93CXX
Output
Input voltage levels
Input and output
timing reference levels
Input voltage levels
M93CXX-W and M93CXX-R
Input and output
timing reference levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com