Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP34DT01 Datasheet(PDF) 17 Page - STMicroelectronics

Part # MP34DT01
Description  MEMS audio sensor omnidirectional digital microphone
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP34DT01 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button MP34DT01 Datasheet HTML 12Page - STMicroelectronics MP34DT01 Datasheet HTML 13Page - STMicroelectronics MP34DT01 Datasheet HTML 14Page - STMicroelectronics MP34DT01 Datasheet HTML 15Page - STMicroelectronics MP34DT01 Datasheet HTML 16Page - STMicroelectronics MP34DT01 Datasheet HTML 17Page - STMicroelectronics MP34DT01 Datasheet HTML 18Page - STMicroelectronics MP34DT01 Datasheet HTML 19Page - STMicroelectronics MP34DT01 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
DocID022331 Rev 11
17/20
MP34DT01
Package mechanical data
Table 10. HCLGA (3 x 4 x 1 mm) 4-lead package dimensions
Symbol
mm
Min.
Typ.
Max.
A
0.90
1.00
1.10
A1
0.00
-
0.05
b
0.35
0.45
0.50
D
3.90
4.00
4.10
D1
3.05
3.10
3.15
D2
3.75
3.80
3.85
D3
0.30
0.50
0.70
E
2.90
3.00
3.10
E1
2.05
2.10
2.15
E2
2.75
2.80
2.85
E3
-0.20
0.00
0.20
e1
1.30
1.35
1.40
e2
0.80
0.85
0.90
h
0.25
0.30
0.35
L
0.90
0.95
1.00
L1
-
0.10
-
N4
R1
0.30
0.40
0.50
R2
-
0.40
-
aaa
0.15
ccc
0.10
eee
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com