Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW13N95K3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STW13N95K3
Description  N-channel 950 V, 0.68 Ohm typ., 10 A Zener-protected SuperMESH3
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW13N95K3 Datasheet(HTML) 3 Page - STMicroelectronics

  STW13N95K3 Datasheet HTML 1Page - STMicroelectronics STW13N95K3 Datasheet HTML 2Page - STMicroelectronics STW13N95K3 Datasheet HTML 3Page - STMicroelectronics STW13N95K3 Datasheet HTML 4Page - STMicroelectronics STW13N95K3 Datasheet HTML 5Page - STMicroelectronics STW13N95K3 Datasheet HTML 6Page - STMicroelectronics STW13N95K3 Datasheet HTML 7Page - STMicroelectronics STW13N95K3 Datasheet HTML 8Page - STMicroelectronics STW13N95K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
STF13N95K3, STFI13N95K3, STP13N95K3, STW13N95K3
Electrical ratings
Doc ID15685 Rev 3
3/19
1
Electrical ratings
.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220
TO-247
TO-220FP
I2PAKFP
VDS
Drain source voltage
950
V
VGS
Gate- source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
10
10 (1)
1.
Limited by maximum junction temperature.
A
ID
Drain current (continuous) at TC = 100 °C
6
6 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
40
40 (1)
A
PTOT
Total dissipation at TC = 25 °C
190
40
W
IAR
Max current during repetitive or single
pulse avalanche (pulse width limited by
Tjmax )
13
A
EAS
Single pulse avalanche energy
(starting TJ = 25 °C, ID=IAS, VDD= 50 V)
400
mJ
VISO
Insulation withstand voltage (RMS) from
all three leads to external heat sink
(t = 1 s; TC = 25 °C)
2500
V
dv/dt (3)
3.
ISD ≤ 10 A, di/dt ≤ 400 A/µs, VPeak ≤V(BR)DSS.
Peak diode recovery voltage slope
9
V/ns
Tj
Tstg
Operating junction temperature
Storage temperature
- 55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
TO-220
TO-247
TO-220FP
I2PAKFP
Rthj-case
Thermal resistance junction-case max
0.66
3.13
°C/W
Rthj-amb
Thermal resistance junction-amb max
62.5
50
62.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com