Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW6N120K3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STW6N120K3
Description  N-channel 1200 V, 1.95 Ohm typ., 6 A SuperMESH3 Power MOSFET in TO-3PF, TO-220 and TO-247 packages
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW6N120K3 Datasheet(HTML) 3 Page - STMicroelectronics

  STW6N120K3 Datasheet HTML 1Page - STMicroelectronics STW6N120K3 Datasheet HTML 2Page - STMicroelectronics STW6N120K3 Datasheet HTML 3Page - STMicroelectronics STW6N120K3 Datasheet HTML 4Page - STMicroelectronics STW6N120K3 Datasheet HTML 5Page - STMicroelectronics STW6N120K3 Datasheet HTML 6Page - STMicroelectronics STW6N120K3 Datasheet HTML 7Page - STMicroelectronics STW6N120K3 Datasheet HTML 8Page - STMicroelectronics STW6N120K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
STFW6N120K3, STP6N120K3, STW6N120K3
Electrical ratings
Doc ID 15572 Rev 3
3/17
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-3PF
TO-220
TO-247
VGS
Gate- source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
6
A
ID
Drain current (continuous) at TC = 100 °C
3.8
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
20
A
PTOT
Power dissipation at TC = 25 °C
63
150
150
W
IAR
Max current during repetitive or single pulse
avalanche (pulse width limited by TJMAX)
7A
EAS
Single pulse avalanche energy (starting
TJ = 25 °C, ID = IAR, VDD = 50 V)
180
mJ
ESD
Gate-source human body model
(C = 100 pF, R = 1.5 k
Ω)
6kV
VISO
Insulation withstand voltage (RMS) from all
three leads to external heat sink
(t = 1 s, TC = 25 °C)
3500
V
Tstg
Storage temperature
-55 to 150
°C
TJ
Operating junction temperature
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
TO-3PF
TO-220 TO-247
Rthj-case
Thermal resistance junction-case
1.98
0.83
°C/W
Rthj-amb
Thermal resistance junction-ambient max
50
62.5
50
°C/W
TJ
Maximum lead temperature for soldering
purpose
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com