Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3243EBTR Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST3243EBTR
Description  (,-) 15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto power-down
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3243EBTR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST3243EBTR Datasheet HTML 8Page - STMicroelectronics ST3243EBTR Datasheet HTML 9Page - STMicroelectronics ST3243EBTR Datasheet HTML 10Page - STMicroelectronics ST3243EBTR Datasheet HTML 11Page - STMicroelectronics ST3243EBTR Datasheet HTML 12Page - STMicroelectronics ST3243EBTR Datasheet HTML 13Page - STMicroelectronics ST3243EBTR Datasheet HTML 14Page - STMicroelectronics ST3243EBTR Datasheet HTML 15Page - STMicroelectronics ST3243EBTR Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
ST3243EB, ST3243EC
Revision history
Doc ID 8648 Rev 12
15/16
8
Revision history
Table 14.
Document revision history
Date
Revision
Changes
21-Jun-2004
6
Page 6 - IL (output leakage current) mA ==> µA
31-Mar-2006
7
Order codes updated and new template.
25-Oct-2006
8
Order codes updated.
24-Aug-2007
9
Order codes updated.
09-Jul-2008
10
Removed: SO-28 and SSOP28 packages.
28-Jul-2009
11
Removed: Flip-chip28 package, modified Table 1 on page 1.
16-Oct-2009
12
Modified Table 9 on page 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com