Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN820-B5 Datasheet(PDF) 21 Page - STMicroelectronics

Part # VN820-B5
Description  High-side driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN820-B5 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VN820-B5 Datasheet HTML 17Page - STMicroelectronics VN820-B5 Datasheet HTML 18Page - STMicroelectronics VN820-B5 Datasheet HTML 19Page - STMicroelectronics VN820-B5 Datasheet HTML 20Page - STMicroelectronics VN820-B5 Datasheet HTML 21Page - STMicroelectronics VN820-B5 Datasheet HTML 22Page - STMicroelectronics VN820-B5 Datasheet HTML 23Page - STMicroelectronics VN820-B5 Datasheet HTML 24Page - STMicroelectronics VN820-B5 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
VN820
Application information
Doc ID 7370 Rev. 5
21/43
3.5
PowerSO-10, P2PAK, PPAK, PENTAWATT maximum
demagnetization energy (VCC = 13.5V)
Figure 26.
PowerSO-10, P2PAK, PPAK, PENTAWATT maximum turn-off current
versus inductance
Note:
Values are generated with RL =0 Ω.In case of repetitive pulses, Tjstart (at the beginning of
each demagnetization) of every pulse must not exceed the temperature specified above for
curves A and B.
C: Tjstart = 125°C repetitive pulse
A: Tjstart = 150°C single pulse
B: Tjstart = 100°C repetitive pulse
Demagnetization
Demagnetization
Demagnetization
t
VIN, IL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com