Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN820PT Datasheet(PDF) 9 Page - STMicroelectronics

Part # VN820PT
Description  High-side driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN820PT Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VN820PT Datasheet HTML 5Page - STMicroelectronics VN820PT Datasheet HTML 6Page - STMicroelectronics VN820PT Datasheet HTML 7Page - STMicroelectronics VN820PT Datasheet HTML 8Page - STMicroelectronics VN820PT Datasheet HTML 9Page - STMicroelectronics VN820PT Datasheet HTML 10Page - STMicroelectronics VN820PT Datasheet HTML 11Page - STMicroelectronics VN820PT Datasheet HTML 12Page - STMicroelectronics VN820PT Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
VN820
Electrical specifications
Doc ID 7370 Rev. 5
9/43
2.2
Thermal data
EMAX
Maximum switching energy
(L = 1.4 mH; RL =0 Ω; Vbat = 13.5 V;
Tjstart = 150°C; IL =13A)
156
mJ
Ptot
Power dissipation TC = 25°C
65.8
W
Tj
Junction operating temperature
Internally limited
°C
Tc
Case operating temperature
-40 to 150
°C
Tstg
Storage temperature
-55 to 150
°C
Table 3.
Absolute maximum ratings (continued)
Symbol
Parameter
Value
Unit
PowerSO-10
PENTAWATT
P2PAK
PPAK
Table 4.
Thermal data
Symbol
Parameter
Max. value
Unit
PowerSO-10
PENTAWATT
P2PAK
PPAK
Rthj-case
Thermal resistance
junction-case
1.9
1.9
1.9
1.9
°C/W
Rthj-amb
Thermal resistance
junction-ambient
51.9(1)
1.
When mounted on a standard single-sided FR-4 board with 0.5 cm2 of Cu (at least 35 µm thick).
61.9(2)
51.9(2)
76.9(2)
°C/W
37(2)
2.
When mounted on a standard single-sided FR-4 board with 6 cm2 of Cu (at least 35 µm thick).
-37(4)
45(4)
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com