Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2931-10 Datasheet(PDF) 13 Page - STMicroelectronics

Part # SD2931-10
Description  RF power transistor: HF/VHF/UHF N-channel power MOSFETs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2931-10 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SD2931-10 Datasheet HTML 9Page - STMicroelectronics SD2931-10 Datasheet HTML 10Page - STMicroelectronics SD2931-10 Datasheet HTML 11Page - STMicroelectronics SD2931-10 Datasheet HTML 12Page - STMicroelectronics SD2931-10 Datasheet HTML 13Page - STMicroelectronics SD2931-10 Datasheet HTML 14Page - STMicroelectronics SD2931-10 Datasheet HTML 15Page - STMicroelectronics SD2931-10 Datasheet HTML 16Page - STMicroelectronics SD2931-10 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
SD2931-10
Typical performance @ 30 MHz
Doc ID 7076 Rev 9
13/19
8
Typical performance @ 30 MHz
Figure 19.
Output power vs input power
Figure 20.
Power gain vs output power
Figure 21.
Efficiency vs output power
Figure 22.
Output power vs supply voltage
0
0.1
0.2
0.3
0.4
0.5
Pin, INPUT POWER (W)
0
50
100
150
200
250
Vdd = 50 V
Vdd = 40 V
f = 30 MHz
IDQ = 250 mA
0
40
80
120
160
200
Pout, OUTPUT POWER (W)
24
25
26
27
28
29
30
f = 30 MHz
VDD = 50 V
IDQ = 250 mA
0
40
80
120
160
200
Pout, OUTPUT POWER (W)
0
10
20
30
40
50
60
70
f = 30 MHz
VDD = 50 V
IDQ = 250 mA
24
28
32
36
40
44
48
52
VDD(V)
0
50
100
150
200
f = 30 MHz
IDQ = 250 mA
Pin=.31 W
Pin=.22 W
Pin=.13 W
Figure 23.
Output power vs gate voltage
0
1
23456
VGS GATE-SOURCE VOLTAGE (V)
0
50
100
150
200
VDD = 50 V
IDQ = 250 mA
f = 30 MHz
Pin = Constant
T= -20 °C
T= +25 °C
T= +80 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com