Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3702IN Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS3702IN
Description  Micropower dual CMOS voltage comparators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3702IN Datasheet(HTML) 4 Page - STMicroelectronics

  TS3702IN Datasheet HTML 1Page - STMicroelectronics TS3702IN Datasheet HTML 2Page - STMicroelectronics TS3702IN Datasheet HTML 3Page - STMicroelectronics TS3702IN Datasheet HTML 4Page - STMicroelectronics TS3702IN Datasheet HTML 5Page - STMicroelectronics TS3702IN Datasheet HTML 6Page - STMicroelectronics TS3702IN Datasheet HTML 7Page - STMicroelectronics TS3702IN Datasheet HTML 8Page - STMicroelectronics TS3702IN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical characteristics
TS3702
4/11
3
Electrical characteristics
Table 3.
VCC
+ = 3V, V
cc
- = 0V, T
amb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage (1)
Vic = 1.5V
Tmin ≤ Tamb ≤ Tmax
1.
The specified offset voltage is the maximun value required to drive the output up to 2.5V or down to 0.3V.
5
6.5
mV
Iio
Input offset current (2)
Vic = 1.5V
Tmin ≤ Tamb ≤ Tmax
2.
Maximum values include unavoidable inaccuracies of the industrial tests.
1
300
pA
Iib
Input bias current (2)
Vic = 1.5V
Tmin ≤ Tamb ≤ Tmax
1
600
pA
Vicm
Input common mode voltage range
Tmin ≤ Tamb ≤ Tmax
0
0
VCC
+-1.2
VCC
+ -1.5
V
CMR
Common-mode rejection ratio
Vic = Vicm min
80
dB
SVR
Supply voltage rejection ratio
VCC
+ = 3V to 5V
75
dB
VOH
High level output voltage
Vid = 1V, IOH = -4mA
Tmin ≤ Tamb ≤ Tmax
2
1.8
2.4
V
VOL
Low level output voltage
Vid = -1V, IOL = 4mA
Tmin ≤ Tamb ≤ Tmax.
300
400
575
mV
ICC
Supply current (each comparator)
No load - Outputs low
Tmin ≤ Tamb ≤ Tmax.
720
25
μA
tPLH
Response time low to high
Vic = 0V, f = 10kHz, CL = 50pF, overdrive = 5mV
TTL input
1.5
0.7
μs
tPHL
Response time high to low
Vic = 0V, f = 10kHz, CL = 50pF, overdrive = 5mV
TTL input
2.2
0.15
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com