Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3702ID Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS3702ID
Description  Micropower dual CMOS voltage comparators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3702ID Datasheet(HTML) 3 Page - STMicroelectronics

  TS3702ID Datasheet HTML 1Page - STMicroelectronics TS3702ID Datasheet HTML 2Page - STMicroelectronics TS3702ID Datasheet HTML 3Page - STMicroelectronics TS3702ID Datasheet HTML 4Page - STMicroelectronics TS3702ID Datasheet HTML 5Page - STMicroelectronics TS3702ID Datasheet HTML 6Page - STMicroelectronics TS3702ID Datasheet HTML 7Page - STMicroelectronics TS3702ID Datasheet HTML 8Page - STMicroelectronics TS3702ID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TS3702
Absolute maximum ratings and operating conditions
3/11
2
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
+
Supply voltage (1)
1.
All voltage values, except differential voltage, are with respect to network ground terminal.
18
V
Vid
Differential input voltage (2)
2.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
±18
V
Vi
Input voltage (3)
3.
The magnitude of the input and the output voltages must never exceed the magnitude of the positive and
negative supply voltages.
18
V
Vo
Output voltage
18
V
Io
Output current
20
mA
IF
Forward current in ESD protection diodes on input (4)
4.
Guaranteed by design.
50
mA
pd
Power dissipation (5)
DIP8
SO8
TSSOP8
5.
Pd is calculated with Tamb = +25°C, Tj = +150°C and
Rthja = 100°C/W for DIP8 package
Rthja = 175°C/W for SO8 package
Rthja = 200°C/W for TSSOP8 package
1250
710
625
mW
Tstg
Storage temperature range
-65 to +150
°C
ESD
HBM: human body model(6)
6.
Human body model: A 100pF capacitor is charged to the specified voltage, then discharged through a
1.5k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
400
V
MM: machine model(7)
7.
Machine model: A 200pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
50
V
CDM: charged device model(8)
8.
Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to the ground through only one pin. This is done for all pins.
1.5
kV
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
+
Supply voltage
TS3702C, TS3702I
TS3702M
2.7 to 16
4 to 16
V
Vicm
Common mode input voltage range
0 to VCC
+ -1.5
V
Toper
Operating free-air temperature range
TS3702C
TS3702I
TS3702M
0 to +70
-40 to +125
-55 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com