Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3702MD Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS3702MD
Description  Micropower dual CMOS voltage comparators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3702MD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS3702MD Datasheet HTML 3Page - STMicroelectronics TS3702MD Datasheet HTML 4Page - STMicroelectronics TS3702MD Datasheet HTML 5Page - STMicroelectronics TS3702MD Datasheet HTML 6Page - STMicroelectronics TS3702MD Datasheet HTML 7Page - STMicroelectronics TS3702MD Datasheet HTML 8Page - STMicroelectronics TS3702MD Datasheet HTML 9Page - STMicroelectronics TS3702MD Datasheet HTML 10Page - STMicroelectronics TS3702MD Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ordering information
TS3702
10/11
5
Ordering information
6
Revision history
Table 5.
Order codes
Part number
Temperature
range
Package
Packaging
Marking
TS3702CN
0°C, +70°C
DIP8
Tube
TS3702CN
TS3702CD/CDT
SO8
Tube or tape & reel
3702C
TS3702IN
-40°C, +125°C
DIP8
Tube
TS3702IN
TS3702ID/IDT
SO8
Tube or tape & reel
3702I
TS3702IPT
TSSOP8
Tape & reel
3702I
TS3702MN
-55°C, +125°C
DIP8
Tube
TS3702MN
TS3702MD/MDT
SO8
Tube or tape & reel
3702M
TS3702MPT
TSSOP8
Tape & reel
3702M
Date
Revision
Changes
2-Jan-2003
1
First release.
2-May-2005
2
PPAP references inserted in the datasheet, see Section 5: Ordering
information on page 10.
26-Feb-2007
3
PPAP references removed.
ESD data added to Table 1 on page 3.
Order codes added to Table 5 on page 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com