Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM4F12A Datasheet(PDF) 5 Page - STMicroelectronics

Part # SMM4F12A
Description  High junction temperature Transil
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMM4F12A Datasheet(HTML) 5 Page - STMicroelectronics

  SMM4F12A Datasheet HTML 1Page - STMicroelectronics SMM4F12A Datasheet HTML 2Page - STMicroelectronics SMM4F12A Datasheet HTML 3Page - STMicroelectronics SMM4F12A Datasheet HTML 4Page - STMicroelectronics SMM4F12A Datasheet HTML 5Page - STMicroelectronics SMM4F12A Datasheet HTML 6Page - STMicroelectronics SMM4F12A Datasheet HTML 7Page - STMicroelectronics SMM4F12A Datasheet HTML 8Page - STMicroelectronics SMM4F12A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SMM4F
Characteristics
5/10
Figure 9.
Leakage current versus junction temperature (typical values)
Figure 5.
Junction capacitance versus
reverse applied voltage (typical
values)
Figure 6.
Peak forward voltage drop versus
peak forward current (typical
values)
10
100
1000
10000
1
10
100
F=1 MHz
V
OSC=30 mVRMS
T
j=25 °C
SMM4F5.0A
SMM4F15A
SMM4F24A
SMM4F33A
C(pF)
V (V)
R
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T
j =25 °C
T
j =125 °C
I
(A)
FM
V
(V)
FM
Figure 7.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (printed
ciruit board FR4, SCu = 1 cm
2)
Figure 8.
Thermal resistance junction to
ambient versus copper surface
under each lead (printed circuit
board FR4, eCu = 35 µm)
0.00
0.01
0.10
1.00
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
On recommended pad
layout
Zth(j-a)/Rth(j-a)
t (S)
p
40
60
80
100
120
140
160
180
200
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Rth(j-a)(°C/W)
S
(cm )
CU
2
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
25
50
75
100
125
150
175
V
R=VRM
V
BR≤11.7V
V
BR>11.7V
T (°C)
j
I (nA)
R



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com