Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3702MPT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS3702MPT
Description  Micropower dual CMOS voltage comparators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3702MPT Datasheet(HTML) 1 Page - STMicroelectronics

  TS3702MPT Datasheet HTML 1Page - STMicroelectronics TS3702MPT Datasheet HTML 2Page - STMicroelectronics TS3702MPT Datasheet HTML 3Page - STMicroelectronics TS3702MPT Datasheet HTML 4Page - STMicroelectronics TS3702MPT Datasheet HTML 5Page - STMicroelectronics TS3702MPT Datasheet HTML 6Page - STMicroelectronics TS3702MPT Datasheet HTML 7Page - STMicroelectronics TS3702MPT Datasheet HTML 8Page - STMicroelectronics TS3702MPT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
February 2007
Rev 3
1/11
11
TS3702
Micropower dual CMOS voltage comparators
Features
■ Push-pull CMOS output (no external pull-up
resistor required)
■ Extremely low supply current: 9
μA typ /
comparator
■ Wide single supply range: 2.7V to 16V or dual
supplies (±1.35V to ±8V)
■ Extremely low input bias current: 1pA typ
■ Extremely low input offset currents: 1pA typ
■ Input common-mode voltage range includes
GND
■ High input impedance: 1012
Ω typ
■ Fast response time: 2
μs typ for 5mV overdrive
■ Pin-to-pin and functionally compatible with
bipolar LM393
Description
The TS3702 is a micropower CMOS dual voltage
comparator with extremely low consumption of
9
μA typ / comparator (20 times less than bipolar
LM393). The push-pull CMOS output stage allows
power and space saving by eliminating the
external pull-up resistor required by usual open-
collector output comparators.
Thus response times remain similar to the LM393.
N
DIP8
(Plastic package)
D
SO8
(Plastic micropackage)
P
TSSOP8
(Thin shrink small outline package)
1
2
3
45
6
7
8
Inverting Input 2
Output 2
Non-inverting Input 2
Output 1
Inverting Input 1
Non-inverting Input 1
CC
+
V
-
CC
V
-
+
-
+
Pin connections
(Top view)
www.st.com


Similar Part No. - TS3702MPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3702MPT STMICROELECTRONICS-TS3702MPT Datasheet
117Kb / 11P
MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
26-Feb-2007
More results

Similar Description - TS3702MPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3702C STMICROELECTRONICS-TS3702C Datasheet
51Kb / 5P
MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
Oct-1997
TS393C STMICROELECTRONICS-TS393C Datasheet
179Kb / 7P
MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
Jan-2003
TS393 STMICROELECTRONICS-TS393_05 Datasheet
128Kb / 9P
MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
Aug-2005
TS3702 STMICROELECTRONICS-TS3702 Datasheet
117Kb / 11P
MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
26-Feb-2007
TS3704 STMICROELECTRONICS-TS3704_07 Datasheet
137Kb / 11P
MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
26-Feb-2007
TS393 STMICROELECTRONICS-TS393_08 Datasheet
155Kb / 12P
Micropower dual CMOS voltage comparators
28-Apr-2008
TSX339 STMICROELECTRONICS-TSX339 Datasheet
940Kb / 22P
Micropower dual CMOS voltage comparators
16-Dec-2015
TSX3702 STMICROELECTRONICS-TSX3702 Datasheet
597Kb / 24P
Micropower dual CMOS voltage comparators
13-Feb-2015
TSX3704 STMICROELECTRONICS-TSX3704 Datasheet
990Kb / 22P
Micropower quad CMOS voltage comparators
29-Feb-2016
TSX393 STMICROELECTRONICS-TSX393 Datasheet
936Kb / 23P
Micropower dual CMOS voltage comparators
June 2016 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com