Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM6T30A Datasheet(PDF) 9 Page - STMicroelectronics

Part # SM6T30A
Description  Transil
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6T30A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SM6T30A Datasheet HTML 2Page - STMicroelectronics SM6T30A Datasheet HTML 3Page - STMicroelectronics SM6T30A Datasheet HTML 4Page - STMicroelectronics SM6T30A Datasheet HTML 5Page - STMicroelectronics SM6T30A Datasheet HTML 6Page - STMicroelectronics SM6T30A Datasheet HTML 7Page - STMicroelectronics SM6T30A Datasheet HTML 8Page - STMicroelectronics SM6T30A Datasheet HTML 9Page - STMicroelectronics SM6T30A Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SM6T
Ordering information
Doc ID 3082 Rev 9
9/10
4
Ordering information
5
Revision history
Table 6.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
SM6TxxxA/CA(1)
1.
Where xxx is nominal value of VBR and A or CA indicates unidirectional or bidirectional version. See
Table 3 for list of available devices and their order codes
See Table 5 on page 8
SMB
0.11 g
2500
Tape and reel
Table 7.
Document revision history
Date
Revision
Changes
August-2001
4A
Previous update.
15-Sep-2004
5
1. Types table parameters on page 2: IRM @ Tj = 85 °C condition added
2. IRM max values changed
26-Mar-2008
6
Reformatted to current standard. SMB dimensions and footprint updated.
Maximum junction temperature replaced with operating junction
temperature range in Table 1.
25-May-2009
7
Reformatted to current standard. Added standards compliance
information on page 1. Added device SM6T56 to Table 3. Updated all
characteristic curves.
17-Sep-2009
8
Document updated for low leakage current.
20-Oct-2010
9
Updated Figure 13.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com